Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS31B Datasheet (PDF) - STMicroelectronics

STLVDS31B Datasheet PDF - STMicroelectronics
Part # STLVDS31B
Download  STLVDS31B Download
File Size   702.77 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed differential line drivers

STLVDS31B Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVDS31B Datasheet PDF - STMicroelectronics

Part # STLVDS31B
Download  STLVDS31B Click to download

File Size   702.77 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High speed differential line drivers

STLVDS31B Datasheet (HTML) - STMicroelectronics


STLVDS31B Product details

Description
The STLVDS31B is a quad differential line drivers that implements the electrical characteristics of low voltage differential signaling (LVDS).
   
Features
■ Meets or exceeds the requirements of ANSI
    TIA/EIA-644 standard
■ Low voltage differential signaling with typical
    output voltage of 350 mV and a 100 Ω load
■ Typical output voltage rise and fall times of
    750 ps (400 Mbps)
■ Typical propagation delay times of 1.7 ns
■ Operates from a single 3.3 V supply
    ■ Power dissipation 25 mW typical per driver at
    200 MHz
■ Driver at high impedance when disabled or with
    VCC = 0 V
■ Pin compatible with the AM26LS31,
    SN65LVDS31
■ Low voltage TTL (LVTTL) logic input levels
   




Similar Part No. - STLVDS31B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31BD STMICROELECTRONICS-STLVDS31BD Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BDR STMICROELECTRONICS-STLVDS31BDR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
216Kb / 15P
High speed differential line drivers
28-Mar-2006
More results


Similar Description - STLVDS31B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS179 TI1-SN65LVDS179_16 Datasheet
1Mb / 50P
High-Speed Differential Line Drivers
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
High-Speed Differential Line Drivers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com