Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS31B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVDS31B
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31B Datasheet(HTML) 4 Page - STMicroelectronics

  STLVDS31B Datasheet HTML 1Page - STMicroelectronics STLVDS31B Datasheet HTML 2Page - STMicroelectronics STLVDS31B Datasheet HTML 3Page - STMicroelectronics STLVDS31B Datasheet HTML 4Page - STMicroelectronics STLVDS31B Datasheet HTML 5Page - STMicroelectronics STLVDS31B Datasheet HTML 6Page - STMicroelectronics STLVDS31B Datasheet HTML 7Page - STMicroelectronics STLVDS31B Datasheet HTML 8Page - STMicroelectronics STLVDS31B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin configuration
STLVDS31B
4/15
Doc ID 8338 Rev 6
L = Low level, H = High Level, X = Don’t care, Z = High Impedance
Figure 2.
Logic diagram and logic symbol
Table 3.
Truth table for receiver
VID = VA - VB
R
VID ≥ 100 mV
H
- 100 mV < VID < 100 mV
?
VID ≤ −100 mV
L
OPEN
H
Table 4.
Truth table
Input
Enables
Outputs
AG
G
YZ
HH
X
H
L
LH
X
L
H
HX
L
H
L
LX
L
L
H
XL
H
Z
Z
OPEN
H
X
L
H
OPEN
X
L
L
H
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com