Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS31B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLVDS31B
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLVDS31B Datasheet HTML 2Page - STMicroelectronics STLVDS31B Datasheet HTML 3Page - STMicroelectronics STLVDS31B Datasheet HTML 4Page - STMicroelectronics STLVDS31B Datasheet HTML 5Page - STMicroelectronics STLVDS31B Datasheet HTML 6Page - STMicroelectronics STLVDS31B Datasheet HTML 7Page - STMicroelectronics STLVDS31B Datasheet HTML 8Page - STMicroelectronics STLVDS31B Datasheet HTML 9Page - STMicroelectronics STLVDS31B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STLVDS31B
6/15
Doc ID 8338 Rev 6
3
Electrical characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at
TA = 25 °C, and VCC = 3.3 V.
Table 7.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOD
Differential output voltage
RL = 100Ω, Figure 2
247
350
454
mV
ΔVOD
Change in differential output
voltage between logic state
-50
50
mV
ΔVOC(SS)
Change in steady-state
common mode output voltage
between logic state
Figure 3
1.125
1.2
1.375
V
VOC(SS)
Steady-state common mode
output voltage
Figure 3
-50
50
mV
VOC(PP)
Peak to peak common mode
output voltage
80
150
mV
ICC
Supply current
VIN = 0.8V or 2V, Enabled, No Load
11.5
20
mA
VIN = 0.8V or 2V, Enabled, RL = 100Ω
25
35
mA
VIN = 0 or VCC, Disabled
0.3
1
mA
IIH
High level input current
VIH = 2V
4
20
µA
IIL
Low level input current
VIL = 0.8V
0.6
10
µA
ISC
Short circuit output current
VO(Y) or VO(Z) = 0V
6.1
- 24
mA
VOD = 0
± 12
mA
IOZ
High impedance output current
VO = 0 or 2.4V
± 1µA
ICS
Cold spare leakage current
VI = 3.6V, VDD = 0V
± 20
µA
IOFF
Power OFF output current
VCC = 0, VO = 2.4V
± 1µA
CIN
Input capacitance
3
pF
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com