Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS31B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVDS31B
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31B Datasheet(HTML) 5 Page - STMicroelectronics

  STLVDS31B Datasheet HTML 1Page - STMicroelectronics STLVDS31B Datasheet HTML 2Page - STMicroelectronics STLVDS31B Datasheet HTML 3Page - STMicroelectronics STLVDS31B Datasheet HTML 4Page - STMicroelectronics STLVDS31B Datasheet HTML 5Page - STMicroelectronics STLVDS31B Datasheet HTML 6Page - STMicroelectronics STLVDS31B Datasheet HTML 7Page - STMicroelectronics STLVDS31B Datasheet HTML 8Page - STMicroelectronics STLVDS31B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STLVDS31B
Maximum ratings
Doc ID 8338 Rev 6
5/15
2
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages except differential I/O bus voltage, are with respect to the network ground terminal.
-0.5 to 4.6
V
VI
DC input voltage
-0.5 to (VCC + 0.5)
V
TSTG
Storage temperature range
-65 to +150
°C
Table 6.
Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage
3.0
3.3
3.6
V
VIH
HIGH level input voltage
2.0
V
VILI
LOW level input voltage
0.8
V
TA
Operating temperature range
-40
85
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com