Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC301 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

KBPC301 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # KBPC301
Download  KBPC301 Download
File Size   178.1 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts

KBPC301 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC301 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # KBPC301
Download  KBPC301 Click to download

File Size   178.1 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts

KBPC301 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


KBPC301 Product details

Features
• High Current Capability
• Surge Overload Rating to 50A Peak
• High Case Dielectric Strength of 1500V
• Ideal for Printed Circuit Board Application
• Plastic Material - UL Flammability Classification 94V-0




Similar Part No. - KBPC301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC301 WTE-KBPC301 Datasheet
32Kb / 3P
3.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC301 JGD-KBPC301 Datasheet
118Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBPC301 ETC1-KBPC301 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC301 WTE-KBPC301 Datasheet
43Kb / 4P
3.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotech Company.
KBPC301 DIOTECH-KBPC301 Datasheet
785Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - KBPC301

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBL3005 DAESAN-KBL3005 Datasheet
227Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301G DAESAN-FR301G Datasheet
316Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
S3A DAESAN-S3A Datasheet
336Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
PACELEADER INDUSTRIAL
FR301 PACELEADER-FR301 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com