Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC301 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # KBPC301
Description  CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBPC301 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  KBPC301 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBPC301 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC3005 THRU KBPC310
Features
Mechanical Data
· High Current Capability
· Surge Overload Rating to 50A Peak
· High Case Dielectric Strength of 1500V
· Ideal for Printed Circuit Board Application
· Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : Molded Plastic
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : Marked on Body
· Mounting : Through Hole for #6 Screw
· Mounting Torque : 5.0 Inch-pounds Maximum
· Weight : 3.8 grams (approx.)
· Marking : Type Number
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 3.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Mounted on metal chassis.
(2) Mounted on PC board FR-4 material.
(3) Non-repetitive, for t > 1.0ms and < 8.3ms.
(4) Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
Peak Repetitive Reverse voltage
Working Peak Reverse voltage
DC Blocking voltage
RMS Reverse voltage
Average Rectified
Output Current
(Note 1)
(Note 2)
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward voltage (per element)
@ IF=1.5 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.2
VFM
VR(RMS)
3.0
2.0
Amps
50
IFSM
Tj
TSTG
1.0
-65 to +125
℃
Amps
Peak Reverse Current at Rated
DC Blocking voltage (per element)
I2t Rating for Fusing (t<8.3ms) (Note 3)
Typical Junction Capacitance (Note 4)
Operating and Storage Temperature Range
KBPC
3005
KBPC
301
KBPC
302
KBPC
304
KBPC
306
KBPC
308
KBPC
310
35
10
10
55
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
μA
mA
A2S
℃/W
pF
Io
IR
Cj
I2t
R
θJA
@ TC=25
℃
@ TC=100
℃
Typical Thermal Resistance,
Junction to Case (per element)
25
@ TC=50
℃
@ TC=50
℃
A
E
G
H
C
B
A
D
AC
AC
+
-
K B P C -3
Dim
Min
Max
A
14.73
15.75
10.30
11.30
B
5.84
6.86
3.60
4.00
C
19.00
D
0.76 O
/ Typical
E
1.70
Hole for #6 screw
3.20
G
H
A ll Dimens ions in mm


Similar Part No. - KBPC301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC301 WTE-KBPC301 Datasheet
32Kb / 3P
3.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC301 JGD-KBPC301 Datasheet
118Kb / 2P
SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBPC301 ETC1-KBPC301 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC301 WTE-KBPC301 Datasheet
43Kb / 4P
3.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotech Company.
KBPC301 DIOTECH-KBPC301 Datasheet
785Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC301

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBL3005 DAESAN-KBL3005 Datasheet
227Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301G DAESAN-FR301G Datasheet
316Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
S3A DAESAN-S3A Datasheet
336Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
PACELEADER INDUSTRIAL
FR301 PACELEADER-FR301 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com