Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INLC10AQ Datasheet (PDF) - inova Semiconductors

INLC10AQ Datasheet PDF - inova Semiconductors
Part # INLC10AQ
Download  INLC10AQ Download
File Size   1250.44 Kbytes
Page   35 Pages
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors
Description Smart LED Driver & Controller

INLC10AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
INLC10AQ Datasheet PDF - inova Semiconductors

Part # INLC10AQ
Download  INLC10AQ Click to download

File Size   1250.44 Kbytes
Page   35 Pages
Manufacturer  INOVA [inova Semiconductors]
Direct Link  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors
Description Smart LED Driver & Controller

INLC10AQ Datasheet (HTML) - inova Semiconductors


INLC10AQ Product details

Product description:
The INLC10AQ is a LED driver and controller chip. It is a mixed signal device in a 16 lead WETQFN package.
LED chains can be built up by daisy-chaining several INLC10AQ devices or other ISELED products via a differential bidirectional serial bus. For that purpose, the INLC10AQ device can also act as a converter of single ended to differential bus signals only. The chip provides three independent constant current sinks, each controlled via PWM.
In an LED chain, each device is individually addressable via the serial bus. A proprietary bus protocol is used, optimized for this particular application.

Features:
• 488Hz, 12-bit PWM
• Temperature compensation for red channel
• 8-bit brightness resolution for red, green, and blue LED
• Additional dimming function for accurate low light colors
• Maximum of 4079 devices in one LED chain
• Bidirectional, half-duplex, 2Mbps, CRC protected serial communication
• Support for 16 multicast address groups
• Eight times serial line oversampling for communication robustness
• On-die oscillator
• Built-in diagnostic functions

Applications:
• Ambient lighting
• Roof lighting
• Display backlight
• Functional lighting
• Converting of single ended to differential bus signals




Similar Part No. - INLC10AQ

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
INL-3AX30 INOLUX-INL-3AX30 Datasheet
1Mb / 12P
3 mm Through Hole Lamp
INL-3AYG30 INOLUX-INL-3AYG30 Datasheet
1Mb / 12P
3 mm Through Hole Lamp
INL-5AX30 INOLUX-INL-5AX30 Datasheet
1Mb / 12P
5 mm Through Hole Lamp
INL-5AYG30 INOLUX-INL-5AYG30 Datasheet
1Mb / 12P
5 mm Through Hole Lamp
logo
Energizer
INL2AAE ENERGIZER-INL2AAE Datasheet
154Kb / 1P
LED Project Light
More results


Similar Description - INLC10AQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
SMART PRIMARY CONTROLLER
May-2005
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Texas Instruments
LM3466 TI1-LM3466_12 Datasheet
283Kb / 13P
Smart Linear LED Driver for Multi-Channel LED Systems
February 2, 2012
logo
Linear Technology
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
Texas Instruments
TLC5920 TI1-TLC5920_09 Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
LED DRIVER CONTROLLER
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com