Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD441 Datasheet (PDF) - Texas Instruments

ESD441 Datasheet PDF - Texas Instruments
Part # ESD441
Download  ESD441 Download
File Size   827.92 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package

ESD441 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD441 Datasheet PDF - Texas Instruments

Part # ESD441
Download  ESD441 Click to download

File Size   827.92 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package

ESD441 Datasheet (HTML) - Texas Instruments


ESD441 Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection
– ±30 kV contact discharge
– ±30 kV air gap discharge
• IEC 61000-4-5 surge protection
– 6.2 A (8/20 μs)
• IO capacitance:
– 1 pF (typical)
• DC breakdown voltage: 7 V (typical)
• Ultra low leakage current: 50 nA (maximum)
• Extremely low ESD clamping voltage
– 7.6 V at 16 A TLP
– RDYN: 0.1 Ω (I/O to GND)
• Low insertion loss: 2 GHz (–3 dB bandwidth)
• Supports high speed interfaces up to 4 Gbps
• Industrial temperature range: –55°C to +150°C
• Space-saving industry standard 0201 footprint
(0.6 mm × 0.3 mm × 0.3 mm)

2 Applications
• End equipment:
– Vacuum robots
– Wearables
– Smart speakers
– Portable electronics
– Small appliances
– Retail automation and payment
– Laptops and desktops
– TV and monitors
– Docking stations
• Interfaces:
– USB 2.0
– HDMI™ 1.4 and 2.0
– DisplayPort™
– SIM card
– GPIO

3 Description
The ESD441 is a unidirectional ESD protection diode
for protecting data lines and other I/O ports. The
ESD441 is rated to dissipate ESD strikes up to ±30 kV
per the IEC 61000-4-2 international standard (greater
than Level 4).
This device features a 1 pF (typical) IO
capacitance enabling high-speed interfaces protection
for protocols such as USB 2.0. The extremely low
dynamic resistance (0.1 Ω) and clamping voltage (7.6
V at 16 TLP) is specified for system level protection
against transient events.
The 30 kV ESD rating and 6.2 A surge provides
robust transient protection in a tiny package for
protecting 5.5 V power rails in portable electronics
and other space constrained applications such as
wearables.
The ESD441 is offered in the industry standard 0201
(DPL) package.




Similar Part No. - ESD441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD441 TI-ESD441 Datasheet
678Kb / 12P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441 Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD441 TI2-ESD441 Datasheet
1Mb / 21P
ESD441 1-Channel ±30kV Unidirectional ESD Diode in an 0201 and 0402 Package
REVISED DECEMBER 2025
ESD441DPLR TI-ESD441DPLR Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD441DPLR TI2-ESD441DPLR Datasheet
1Mb / 21P
ESD441 1-Channel ±30kV Unidirectional ESD Diode in an 0201 and 0402 Package
REVISED DECEMBER 2025
More results


Similar Description - ESD441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
Single-Channel ESD Protection Diode in 0201 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Texas Instruments
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD341 TI-ESD341 Datasheet
835Kb / 15P
ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
ESD341 TI-ESD341_V01 Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
ESD451 TI-ESD451 Datasheet
685Kb / 12P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441 Datasheet
678Kb / 12P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441_V01 Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI-ESD451_V01 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com