Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS30X Datasheet (PDF) - Texas Instruments

ESDS30X Datasheet PDF - Texas Instruments
Part # ESDS30X
Download  ESDS30X Download
File Size   975.24 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces

ESDS30X Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDS30X Datasheet PDF - Texas Instruments

Part # ESDS30X
Download  ESDS30X Click to download

File Size   975.24 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces

ESDS30X Datasheet (HTML) - Texas Instruments


ESDS30X Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-4 EFT protection:
– 80 A (5/50ns)
• IEC 61000-4-5 surge protection:
– 12A (8/20μs)
– Low surge clamping voltage 6V at 12A Ipp
• IO capacitance:
– 2.3pF (typical)
• DC breakdown voltage: 4.5V (minimum)
• Ultra low leakage current: 3nA (typical)
• Supports high speed interfaces up to 1 Gbps
• Industrial temperature range: –40°C to +125°C
• Easy flow-through routing package (ESDS302)

2 Applications
• End equipment:
– Ethernet switches
– Access points
– Gateways
– Printers
– DVR and NVR
• Interfaces:
– Ethernet 10/100/1000 Mbps
– USB 2.0
– GPIO

3 Description
The ESDS302, ESDS304 devices are uni-directional
TVS ESD protection diode array in two and four
channel configurations respectively, for Ethernet and
USB surge protection up to 12A (8/20μs). The
ESDS302, ESDS304 devices are rated to dissipate
ESD strikes up to 30kV per the IEC 61000-4-2
international standard (> Level 4).
The devices features a 2.3pF IO capacitance per
channel making it an excellent choice for protecting
high-speed interfaces such as Ethernet™ 1G and USB
2.0. The low dynamic resistance and low clamping
voltage provides system level protection against
transient events.
The ESDS302, ESDS304 devices are offered in the
industry standard 5-pin SOT23 packages.




Similar Part No. - ESDS30X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESDS302 TI1-ESDS302 Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Devices for High Speed Interfaces
ESDS302DBVR TI1-ESDS302DBVR Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Devices for High Speed Interfaces
logo
TECH PUBLIC Electronics...
ESDS302DBVR-TP TECHPUBLIC-ESDS302DBVR-TP Datasheet
2Mb / 4P
2-Line ESD Protection Diode Array
logo
Texas Instruments
ESDS304 TI1-ESDS304 Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Devices for High Speed Interfaces
ESDS304DBVR TI1-ESDS304DBVR Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Devices for High Speed Interfaces
More results


Similar Description - ESDS30X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
ESD Protection for high-speed interfaces
SGESD2201 SECOS-SGESD2201_15 Datasheet
232Kb / 3P
ESD Protection for high-speed interfaces
logo
NXP Semiconductors
IP4282CZ6 PHILIPS-IP4282CZ6_15 Datasheet
59Kb / 9P
ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
Texas Instruments
ESDS302 TI1-ESDS302 Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Devices for High Speed Interfaces
logo
Nexperia B.V. All right...
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS Datasheet
243Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
PESD4USB3UTBR-Q NEXPERIA-PESD4USB3UTBR-Q Datasheet
219Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
PESD4USB5UTBR-Q NEXPERIA-PESD4USB5UTBR-Q Datasheet
219Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com