Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7310CD Datasheet (PDF) - Texas Instruments

ISO7310CD Datasheet PDF - Texas Instruments
Part # ISO7310CD
Download  ISO7310CD Download
File Size   973.01 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator

ISO7310CD Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7310CD Datasheet PDF - Texas Instruments

Part # ISO7310CD
Download  ISO7310CD Click to download

File Size   973.01 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator

ISO7310CD Datasheet (HTML) - Texas Instruments


ISO7310CD Product details

1 Features
1• Signaling Rate: 25 Mbps
• Integrated Noise Filter at the Input
• Default Output 'High' and 'Low' Options
• Low Power Consumption: Typical ICC
– 1.9 mA at 1 Mbps, 3.8 mA at 25 Mbps (5V
Supplies)
– 1.4 mA at 1 Mbps, 2.6 mA at 25 Mbps (3.3V
Supplies)
• Low Propagation Delay: 32 ns Typical (5V
Supplies)
• 3.3 V and 5 V Level Translation
• Wide TA Range Specified: –40°C to 125°C
• 65 KV/μs Transient Immunity, Typical (5V
Supplies)
• Robust Electromagnetic Compatibility (EMC)
– System-level ESD, EFT, and Surge Immunity
– Low Emissions
• Isolation Barrier Life: > 25 Years
• Operates from 3.3 V and 5 V Supplies
• Narrow Body SOIC-8 Package
• Safety and Regulatory Approvals:
– 4242 VPK Isolation per DIN V VDE V 0884-10
and DIN EN 61010-1
– 3000 VRMS Isolation for 1 minute per UL 1577
– CSA Component Acceptance Notice 5A,
IEC 60950-1 and IEC 61010-1 End Equipment
Standards
– CQC Certification per GB4943.1-2011

2 Applications
• Opto-Coupler Replacement in:
– Industrial FieldBus
– ProfiBus
– ModBus
– DeviceNet™ Data Buses
– Servo Control Interface
– Motor Control
– Power Supplies
– Battery Packs

3 Description
ISO7310x provide galvanic isolation up to 3000 VRMS
for 1 minute per UL and 4242 VPK per VDE. These devices have one isolated channel comprised of a
logic input and output buffer separated by a silicon
dioxide (SiO2) insulation barrier. Used in conjunction
with isolated power supplies, ISO7310x prevent noise
currents on a data bus or other circuit from entering the local ground and interfering with or damaging
sensitive circuitry. These devices have integrated
noise filters for harsh industrial environment where
short noise pulses may be present at the device input
pins. ISO7310x have TTL input thresholds and
operate from 3 V to 5.5 V supply levels. Through
innovative chip design and layout techniques,
electromagnetic compatibility of ISO7310x has been
significantly enhanced to enable system-level ESD,
EFT, Surge and Emissions compliance.




Similar Part No. - ISO7310CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7310CD TI1-ISO7310CD Datasheet
1Mb / 28P
Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310CDR TI1-ISO7310CDR Datasheet
1Mb / 28P
Robust EMC, Low Power, Single Channel Digital Isolator
More results


Similar Description - ISO7310CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7310C TI-ISO7310C_15 Datasheet
1Mb / 28P
ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310-Q1 TI-ISO7310-Q1 Datasheet
515Kb / 25P
ISO7310-Q1 Robust EMC, Low Power, Single Channel Digital Isolator
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7310C TI1-ISO7310C Datasheet
1Mb / 28P
Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310-Q1 TI1-ISO7310-Q1_16 Datasheet
1Mb / 27P
Robust EMC, Low Power, Single Channel Digital Isolator
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7710 TI1-ISO7710 Datasheet
566Kb / 32P
ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com