Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7310CD Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7310CD
Description  ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7310CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7310CD Datasheet HTML 4Page - Texas Instruments ISO7310CD Datasheet HTML 5Page - Texas Instruments ISO7310CD Datasheet HTML 6Page - Texas Instruments ISO7310CD Datasheet HTML 7Page - Texas Instruments ISO7310CD Datasheet HTML 8Page - Texas Instruments ISO7310CD Datasheet HTML 9Page - Texas Instruments ISO7310CD Datasheet HTML 10Page - Texas Instruments ISO7310CD Datasheet HTML 11Page - Texas Instruments ISO7310CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
2.34
2.36
2.38
2.4
2.42
2.44
2.46
2.48
2.5
±40
±20
0
20
40
60
80
100
120
140
Free-Air Temperature (oC)
VCC Rising
VCC Falling
C014
V
CC Rising
V
CC Falling
25
27
29
31
33
35
37
39
41
43
±40
±5
30
65
100
135
Free-Air Temperature (oC)
tphl3.3
tphl5v
tplh3.3
tplh55v
C014
t
pHL at 3.3 V
t
pLH at 3.3 V
t
pHL at 5 V
t
pLH at 5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
5
10
15
Low-Level Output Current (mA)
VCC at 3.3 V
VCC at 5 V
C014
V
CC at 3.3 V
V
CC at 5 V
0
1
2
3
4
5
6
±15
±10
±5
0
High-Level Output Current (mA)
VCC at 3.3 V
VCC at 5 V
C014
V
CC at 5 V
V
CC = 3.3 V
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
C014
I
CC1 at 5 V
I
CC2 at 3.3 V
I
CC2 at 5 V
I
CC1 at 3.3 V
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
Data Rate (Mbps)
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
C014
I
CC2 at 5 V
I
CC2 at 3.3 V
I
CC1 at 5 V
I
CC1 at 3.3 V
ISO7310C, ISO7310FC
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
www.ti.com
6.9 Typical Characteristics
TA = 25°C
CL = 15 pF
TA = 25°C
CL = No Load
Figure 1. Supply Current vs Data Rate (with 15 pF Load)
Figure 2. Supply Current vs Data Rate (with No Load)
TA = 25°C
TA = 25°C
Figure 3. High-Level Output Voltage vs High-level Output
Figure 4. Low-Level Output Voltage vs Low-Level Output
Current
Current
Figure 6. Propagation Delay Time vs Free-Air Temperature
Figure 5. Power Supply Undervoltage Threshold vs Free-Air
Temperature
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7310C ISO7310FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com