Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20 Datasheet (PDF) - Texas Instruments

LM20 Datasheet PDF - Texas Instruments
Part # LM20
Download  LM20 Download
File Size   845.43 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor

LM20 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20 Datasheet PDF - Texas Instruments

Part # LM20
Download  LM20 Click to download

File Size   845.43 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor

LM20 Datasheet (HTML) - Texas Instruments


LM20 Product details

1 Features
1• Rated for −55°C to 130°C Range
• Available in SC70 and DSBGA Package
• Predictable Curvature Error
• Suitable for Remote Applications
• Accuracy at 30°C ±1.5 to ±4°C (Maximum)
• Accuracy at 130°C and −55°C ±2.5 to ±5°C
(Maximum)
• Power Supply Voltage Range 2.4 V to 5.5 V
• Current Drain 10 μA (Maximum)
• Nonlinearity ±0.4% (Typical)
• Output Impedance 160 Ω (Maximum)
• Load Regulation
0 μA < I L< 16 μA −2.5 mV (Maximum)

2 Applications
• Cellular Phones
• Computers
• Power Supply Modules
• Battery Management
• FAX Machines
• Printers
• HVAC
• Disk Drives
• Appliances

3 Description
The LM20 is a precision analog output CMOS
integrated-circuit temperature sensor that operates over −55°C to 130°C. The power supply operating
range is 2.4 V to 5.5 V. The transfer function of LM20
is predominately linear, yet has a slight predictable
parabolic curvature. The accuracy of the LM20 when specified to a parabolic transfer function is ±1.5°C at
an ambient temperature of 30°C. The temperature
error increases linearly and reaches a maximum of
±2.5°C at the temperature range extremes. The
temperature range is affected by the power supply voltage. At a power supply voltage of 2.7 V to 5.5 V,
the temperature range extremes are 130°C and
−55°C. Decreasing the power supply voltage to 2.4 V
changes the negative extreme to −30°C, while the
positive extreme remains at 130°C.
The LM20 quiescent current is less than 10 μA.
Therefore, self-heating is less than 0.02°C in still air.
Shutdown capability for the LM20 is intrinsic because its inherent low power consumption allows it to be
powered directly from the output of many logic gates
or does not necessitate shutdown.




Similar Part No. - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
List of Unclassifed Man...
LM20 ETC-LM20 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 25P
DSBGA Temperature Sensor
More results


Similar Description - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
2.4-V, 10-關A, SC-70 Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
DSBGA Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com