Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM20 Datasheet PDF - National Semiconductor (TI)
Part # LM20
Download  LM20 Download
File Size   652.01 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 2.4V, 10關A, SC70, micro SMD Temperature Sensor

LM20 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20 Datasheet PDF - National Semiconductor (TI)

Part # LM20
Download  LM20 Click to download

File Size   652.01 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 2.4V, 10關A, SC70, micro SMD Temperature Sensor

LM20 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
List of Unclassifed Man...
LM20 ETC-LM20 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 25P
DSBGA Temperature Sensor
LM20 TI2-LM20 Datasheet
845Kb / 26P
LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor
REVISED JANUARY 2015
More results


Similar Description - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20EP NSC-LM20EP Datasheet
250Kb / 9P
Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com