Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM20
Description  2.4V, 10關A, SC70, micro SMD Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM20 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM20 Datasheet HTML 1Page - National Semiconductor (TI) LM20 Datasheet HTML 2Page - National Semiconductor (TI) LM20 Datasheet HTML 3Page - National Semiconductor (TI) LM20 Datasheet HTML 4Page - National Semiconductor (TI) LM20 Datasheet HTML 5Page - National Semiconductor (TI) LM20 Datasheet HTML 6Page - National Semiconductor (TI) LM20 Datasheet HTML 7Page - National Semiconductor (TI) LM20 Datasheet HTML 8Page - National Semiconductor (TI) LM20 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM20
2.4V, 10µA, SC70, micro SMD Temperature Sensor
General Description
The LM20 is a precision analog output CMOS integrated-
circuit temperature sensor that operates over a −55˚C to
+130˚C temperature range. The power supply operating
range is +2.4 V to +5.5 V. The transfer function of LM20 is
predominately linear, yet has a slight predictable parabolic
curvature. The accuracy of the LM20 when specified to a
parabolic transfer function is ±1.5˚C at an ambient tempera-
ture of +30˚C. The temperature error increases linearly and
reaches a maximum of ±2.5˚C at the temperature range
extremes. The temperature range is affected by the power
supply voltage. At a power supply voltage of 2.7 V to 5.5 V
the temperature range extremes are +130˚C and −55˚C.
Decreasing the power supply voltage to 2.4 V changes the
negative extreme to −30˚C, while the positive remains at
+130˚C.
The LM20’s quiescent current is less than 10 µA. Therefore,
self-heating is less than 0.02˚C in still air. Shutdown capa-
bility for the LM20 is intrinsic because its inherent low power
consumption allows it to be powered directly from the output
of many logic gates or does not necessitate shutdown at all.
Applications
n
Cellular Phones
n
Computers
n
Power Supply Modules
n
Battery Management
n
FAX Machines
n
Printers
n
HVAC
n
Disk Drives
n
Appliances
Features
n
Rated for full −55˚C to +130˚C range
n
Available in an SC70 and 2 micro SMD packages
n
Predictable curvature error
n
Suitable for remote applications
Key Specifications
j Accuracy at +30˚C
±1.5 to ±4 ˚C (max)
j Accuracy at +130˚C & −55˚C
±2.5 to ±5 ˚C (max)
j Power Supply Voltage Range
+2.4V to +5.5V
j Current Drain
10 µA (max)
j Nonlinearity
±0.4 % (typ)
j Output Impedance
160
Ω (max)
j Load Regulation
0µA < I
L< +16 µA
−2.5 mV (max)
Typical Application
Full-Range Celsius (Centigrade) Temperature Sensor (−55˚C to +130˚C)
Operating from a Single Li-Ion Battery Cell
Output Voltage vs Temperature
10090802
V
O = (−3.88x10
−6xT2) + (−1.15x10−2xT) + 1.8639
where:
T is temperature, and VO is the measured output voltage of the LM20.
10090824
October 2005
© 2005 National Semiconductor Corporation
DS100908
www.national.com


Similar Part No. - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
List of Unclassifed Man...
LM20 ETC-LM20 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
logo
Texas Instruments
LM20 TI1-LM20 Datasheet
1Mb / 25P
DSBGA Temperature Sensor
LM20 TI2-LM20 Datasheet
845Kb / 26P
LM20 2.4-V, 10-μA, SC70, DSBGA Temperature Sensor
REVISED JANUARY 2015
More results

Similar Description - LM20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20EP NSC-LM20EP Datasheet
250Kb / 9P
Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89 Datasheet
920Kb / 13P
LMT89 2.4V, 10 A, SC70, Temperature Sensor
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com