Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2682 Datasheet (PDF) - Texas Instruments

LM2682 Datasheet PDF - Texas Instruments
Part # LM2682
Download  LM2682 Download
File Size   958.0 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2682 Switched Capacitor Voltage Doubling Inverter

LM2682 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2682 Datasheet PDF - Texas Instruments

Part # LM2682
Download  LM2682 Click to download

File Size   958.0 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2682 Switched Capacitor Voltage Doubling Inverter

LM2682 Datasheet (HTML) - Texas Instruments


LM2682 Product details

1FEATURES
2• Inverts Then Doubles Input Supply Voltage
• Small VSSOP Package and SOIC Package
• 90Ω Typical Output Impedance
• 94% Typical Power Efficiency at 10 mA

APPLICATIONS
• LCD Contrast Biasing
• GaAs Power Amplifier Biasing
• Interface Power Supplies
• Handheld Instrumentation
• Laptop Computers and PDAs

DESCRIPTION
The LM2682 is a CMOS charge-pump voltage
inverter capable of converting positive voltage in the
range of +2.0V to +5.5V to the corresponding
doubled negative voltage of −4.0V to −11.0V
respectively. The LM2682 uses three low cost
capacitors to provide 10 mA of output current without
the cost, size, and EMI related to inductor based
circuits. With an operating current of only 150 μA and
an operating efficiency greater than 90% with most
loads, the LM2682 provides ideal performance for
battery powered systems. The LM2682 offers a
switching frequency of 6 kHz.




Similar Part No. - LM2682

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
Switched Capacitor Voltage Doubling Inverter
logo
Texas Instruments
LM2682 TI-LM2682 Datasheet
843Kb / 15P
LM2682 Switched Capacitor Voltage Doubling Inverter
logo
National Semiconductor ...
LM2682M NSC-LM2682M Datasheet
136Kb / 7P
Switched Capacitor Voltage Doubling Inverter
LM2682MM NSC-LM2682MM Datasheet
136Kb / 7P
Switched Capacitor Voltage Doubling Inverter
logo
Texas Instruments
LM2682MM/NOPB TI-LM2682MM/NOPB Datasheet
843Kb / 15P
LM2682 Switched Capacitor Voltage Doubling Inverter
More results


Similar Description - LM2682

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
Switched-Capacitor Voltage Inverter
June 2000
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2682 TI-LM2682_15 Datasheet
843Kb / 15P
LM2682 Switched Capacitor Voltage Doubling Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com