Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2771 Datasheet (PDF) - Texas Instruments

LM2771 Datasheet PDF - Texas Instruments
Part # LM2771
Download  LM2771 Download
File Size   943.87 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2771 Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter

LM2771 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2771 Datasheet PDF - Texas Instruments

Part # LM2771
Download  LM2771 Click to download

File Size   943.87 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2771 Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter

LM2771 Datasheet (HTML) - Texas Instruments


LM2771 Product details

1FEATURES
2• Low-Noise Fixed Frequency Operation
• 1.5V Output Voltage
• Li-Ion (3.6V) to 1.5V with 81% Efficiency
• 1.7% Output Voltage Accuracy
• Very Low Output Ripple: 8mV @ 250mA
• Output Currents up to 250mA
• 2.7V to 5.5V Input Range
• Shutdown Disconnects Load from VIN
• 1.1MHz Switching Frequency
• No Inductors…Small Solution Size
• Current Limit and Thermal Protection
• WSON-10 Package (3mm × 3mm × 0.8mm)

APPLICATIONS
• DSP, Memory, and Microprocessor Power
Supplies
• Mobile Phones and Pagers
• Portable Electronic Devices

DESCRIPTION
The LM2771 is a switched capacitor step-down
regulator that produces a 1.5V output without the use
of an inductor. It is capable of supplying loads up to
250mA. The LM2771 operates with an input voltage
from 2.7V to 5.5V, and requires only 3 low-cost
ceramic capacitors.
The LM2771 uses a regulated 0.5x charge pump to
give power conversion efficiencies nearly twice as
high as an LDO. Pre-regulated 1.1MHz fixed-
frequency switching results in very low ripple and
noise on both the input and the output. When output
currents are low (<30mA typ.), the part automatically switches to a low-ripple PFM regulation mode to
maintain high efficiency over the entire load range. At
input voltages below 3.5V (Typ), the charge pump
goes into pass mode, with efficiencies similar to an
LDO.




Similar Part No. - LM2771

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771SD NSC-LM2771SD Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
LM2771SD/NOPB TI1-LM2771SD/NOPB Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771SDX NSC-LM2771SDX Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
More results


Similar Description - LM2771

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
ams AG
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
650mA, Ultra low Ripple Step Down DC/DC Converter
logo
National Semiconductor ...
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
Low-Ripple Switched Capacitor Step-Down Regulator
logo
ams AG
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
Low-Ripple Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Texas Instruments
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com