Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet (PDF) - ams AG

AS1334 Datasheet PDF - ams AG
Part # AS1334
Download  AS1334 Download
File Size   1733.08 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 650mA, Ultra low Ripple Step Down DC/DC Converter

AS1334 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1334 Datasheet PDF - ams AG

Part # AS1334
Download  AS1334 Click to download

File Size   1733.08 Kbytes
Page   17 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 650mA, Ultra low Ripple Step Down DC/DC Converter

AS1334 Datasheet (HTML) - ams AG


AS1334 Product details

General Description
The AS1334 is a step-down DC-DC converter designed to power portable applications from a single Li-Ion battery. The device also achieves high-performance in mobile phones and other applications requiring low dropout voltage.
   
Key Features
■ Output Voltage Ripple: 2mV
■ PWM Switching Frequency: 2MHz
■ Single Lithium-Ion Cell Operation
■ Output Voltage Range: 1.2V to 3.4V
    (available in 100mV steps, see Ordering Information on page 17)
■ Fixed Output Voltages:
    - 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.3V
■ Maximum Load Capability of 650mA
■ 97% High Efficiency, 94% Average Efficiency
■ Current Overload Protection
■ Thermal Overload Protection
■ Power-OK
■ Soft Start
■ Low Dropout Voltage (140 mΩ Typ PFET)
■ TDFN(3x3) 8-pin
   
Applications
    The AS1334 is an ideal solution to supply noise sensitive
    applications as cellular phones, hand-held radios, RF PC cards,
    battery powered RF devices, RFID chipsets, A/D Converter, Sensors
    and OpAmps.
   




Similar Part No. - AS1334

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1334 AMSCO-AS1334 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334-BTDT-12 AMSCO-AS1334-BTDT-12 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334-BTDT-15 AMSCO-AS1334-BTDT-15 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334-BTDT-18 AMSCO-AS1334-BTDT-18 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334-BTDT-25 AMSCO-AS1334-BTDT-25 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
More results


Similar Description - AS1334

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
650mA, Step Down DC/DC Converter for Portable Applications
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com