Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 2 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 2 Page - ams AG

  AS1334 Datasheet HTML 1Page - ams AG AS1334 Datasheet HTML 2Page - ams AG AS1334 Datasheet HTML 3Page - ams AG AS1334 Datasheet HTML 4Page - ams AG AS1334 Datasheet HTML 5Page - ams AG AS1334 Datasheet HTML 6Page - ams AG AS1334 Datasheet HTML 7Page - ams AG AS1334 Datasheet HTML 8Page - ams AG AS1334 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
2 - 17
AS1334
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Configuration
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
FB
1
Feedback Pin. Connect to the output at the output filter capacitor.
POK
2
Power-OK.
0 = VOUT < 90% of VOUTNOM.
1 = VOUT > 90% of VOUTNOM.
EN
3
Enable Input. Set this digital input high for normal operation. For shutdown,
set low.
VDD
4
+2.7V to +5.5V Power Supply Voltage. Analog Supply Input.
SGND
5, 9
Analog and Control Ground.
PVIN
6
+2.7V to +5.5V Power Supply Voltage. Input to the internal PFET switch.
SW
7
Switch Pin. Switch node connection to the internal PFET switch and NFET
synchronous rectifier. Connect to an inductor with a saturation current rating
that exceeds the maximum switch peak current limit specification of the
AS1334.
PGND
8
Power Ground.
5SGND
3
EN
2
POK
1
FB
8PGND
AS1334
4
VDD
7 SW
6PVIN
9
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com