Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 6 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 6 Page - ams AG

Back Button AS1334 Datasheet HTML 2Page - ams AG AS1334 Datasheet HTML 3Page - ams AG AS1334 Datasheet HTML 4Page - ams AG AS1334 Datasheet HTML 5Page - ams AG AS1334 Datasheet HTML 6Page - ams AG AS1334 Datasheet HTML 7Page - ams AG AS1334 Datasheet HTML 8Page - ams AG AS1334 Datasheet HTML 9Page - ams AG AS1334 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
6 - 17
AS1334
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Circuit in Figure 23 on page 11, PVIN = VDD = EN = 3.6V, L = 3.3µH (LPS4018-332ML_), CIN = COUT = 10µF
(GRM21BR61C106KA01) unless otherwise noted;
Figure 3. Quiescent Current vs. VIN
Figure 4. Shutdown Current vs. Temperature
0.35
0.4
0.45
0.5
0.55
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
- 45°C
+25°C
+85°C
0
0.05
0.1
0.15
0.2
0.25
0.3
-40
-15
10
35
60
85
Temperature (°C)
Vi n=3.25V
Vi n=3.6V
Vi n=4.2V
Vi n=5.5V
Figure 5. Switching Frequency Variation vs. Temp.
Figure 6. Output Voltage vs. Supply Voltage
-4
-3
-2
-1
0
1
2
3
4
-40
-15
10
35
60
85
Temperature (°C)
Vi n=3.6V
Vi n=4.2V
Vi n=5.5V
2.94
2.96
2.98
3
3.02
3.04
3.06
3.25
3.75
4.25
4.75
5.25
Supply Voltage (V)
Iout=50mA
Iout=300mA
Iout=650mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com