Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 1 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 1 Page - ams AG

  AS1334 Datasheet HTML 1Page - ams AG AS1334 Datasheet HTML 2Page - ams AG AS1334 Datasheet HTML 3Page - ams AG AS1334 Datasheet HTML 4Page - ams AG AS1334 Datasheet HTML 5Page - ams AG AS1334 Datasheet HTML 6Page - ams AG AS1334 Datasheet HTML 7Page - ams AG AS1334 Datasheet HTML 8Page - ams AG AS1334 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AS1334
650mA, Ultra low Ripple Step Down DC/DC Converter
www.austriamicrosystems.com
Revision 1.04
1 - 17
Datasheet
1 General Description
The AS1334 is a step-down DC-DC converter designed
to power portable applications from a single Li-Ion
battery. The device also achieves high-performance in
mobile phones and other applications requiring low
dropout voltage.
The AS1334 operates from an input voltage range of 2.7
to 5.5V while providing output voltages of 1.2, 1.5, 1.8,
2.5, 3.0 and 3.3V.
Fixed-frequency PWM operation minimizes RF
interference. Shutdown function turns the device off and
reduces battery consumption to 0.01µA (typ.).
The AS1334 is available in a TDFN(3x3) 8-pin package.
A high switching frequency (2 MHz) allows use of tiny
surface-mount components. Only three small external
surface-mount components, an inductor and two
ceramic capacitors are required.
2 Key Features
!
Output Voltage Ripple: 2mV
!
PWM Switching Frequency: 2MHz
!
Single Lithium-Ion Cell Operation
!
Output Voltage Range: 1.2V to 3.4V
(available in 100mV steps, see Ordering Information
on page 16)
!
Fixed Output Voltages:
- 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.3V
!
Maximum Load Capability of 650mA
!
97% High Efficiency, 94% Average Efficiency
!
Current Overload Protection
!
Thermal Overload Protection
!
Power-OK
!
Soft Start
!
Low Dropout Voltage (140 m
Ω Typ PFET)
!
TDFN(3x3) 8-pin
3 Applications
The AS1334 is an ideal solution to supply noise
sensitive applications as cellular phones, hand-held
radios, RF PC cards, battery powered RF devices, RFID
chipsets, A/D Converter, Sensors and OpAmps.
Figure 1. AS1334 - Typical Application Circuit
AS1334
PGND
SGND
EN
PVIN
VDD
SW
FB
10 µF
3.3 µH
VOUT
VIN
10 µF
ON
OFF
POK


Similar Part No. - AS1334

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1334 AMSCO-AS1334 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334-BTDT-12 AMSCO-AS1334-BTDT-12 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334-BTDT-15 AMSCO-AS1334-BTDT-15 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334-BTDT-18 AMSCO-AS1334-BTDT-18 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334-BTDT-25 AMSCO-AS1334-BTDT-25 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
More results

Similar Description - AS1334

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
650mA, Step Down DC/DC Converter for Portable Applications
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com