Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet (PDF) - ams AG

AS1332 Datasheet PDF - ams AG
Part # AS1332
Download  AS1332 Download
File Size   1448.97 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 650mA, Step-Down DC-DC Converter for RF Power Amplifiers

AS1332 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1332 Datasheet PDF - ams AG

Part # AS1332
Download  AS1332 Click to download

File Size   1448.97 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 650mA, Step-Down DC-DC Converter for RF Power Amplifiers

AS1332 Datasheet (HTML) - ams AG


AS1332 Product details

General Description
The AS1332 is a step-down DC-DC converter designed to power radiofrequency (RF) power amplifiers (PAs) from a single Li-Ion battery. The device also achieves high-performance in mobile phones and similar RF PA applications.

Key Features
■ PWM Switching Frequency: 2MHz
■ Single Lithium-Ion Cell Operation (2.7V to 5.5V)
■ Dynamic Programmable Output Voltage (1.3V to 3.16V)
■ Maximum load capability of 650mA
■ High Efficiency (96% Typ at 3.6VIN, 3.16VOUT at 400mA) from internal synchronous rectification
■ Current Overload Protection
■ Thermal Overload Protection
■ Soft Start
■ 8-pin WL-CSP

Applications
    The AS1332 is an ideal solution for cellular phones, hand-held radios, RF PC cards, and battery powered RF devices.




Similar Part No. - AS1332

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332-BWLT AMSCO-AS1332-BWLT Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Similar Description - AS1332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com