Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 9 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 9 Page - ams AG

Back Button AS1332 Datasheet HTML 5Page - ams AG AS1332 Datasheet HTML 6Page - ams AG AS1332 Datasheet HTML 7Page - ams AG AS1332 Datasheet HTML 8Page - ams AG AS1332 Datasheet HTML 9Page - ams AG AS1332 Datasheet HTML 10Page - ams AG AS1332 Datasheet HTML 11Page - ams AG AS1332 Datasheet HTML 12Page - ams AG AS1332 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.austriamicrosystems.com
Revision 1.01
9 - 19
AS1332
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 18. VCON Voltage Response; VIN = 4.2V,
VCON = 0V to 1.4V, RLOAD = 10
Ω
Figure 19. VCON and Load Transient; VIN = 4.2V,
VCON = 0V to 1.4V, 15
Ω/8Ω, same time
50µs/Div
50µs/Div
Figure 20. Timed Current Limit Response; VIN = 3.6V,
VOUT = 1.3V, RLOAD = 10
Ω
Figure 21. Output Voltage Ripple; VIN = 3.6V,
VOUT = 1.3V, IOUT = 200mA
5µs/Div
200ns/Div
Figure 22. VOUT Ripple in Skip Mode; VIN = 3.547V,
VOUT = 3.16V, RLOAD = 5
Ω
Figure 23. RDSON (P-Chanel) vs. Temperature;
ISW = 200mA
500ns/Div
0
50
100
150
200
250
300
350
-40
-15
10
35
60
85
Temperature (°C)
Vi n=2.7V
Vi n=3.6V
Vi n=5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com