Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 5 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 5 Page - ams AG

  AS1332 Datasheet HTML 1Page - ams AG AS1332 Datasheet HTML 2Page - ams AG AS1332 Datasheet HTML 3Page - ams AG AS1332 Datasheet HTML 4Page - ams AG AS1332 Datasheet HTML 5Page - ams AG AS1332 Datasheet HTML 6Page - ams AG AS1332 Datasheet HTML 7Page - ams AG AS1332 Datasheet HTML 8Page - ams AG AS1332 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com
Revision 1.01
5 - 19
AS1332
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
System Characteristics
TA = 25ºC; PVIN = VDD = EN = 3.6V, unless otherwise noted. The following parameters are verfied by characterisation
and are not production tested.
Table 4. System Characteristics
Symbol
Parameter
Conditions
Min
Typ Max
Unit
s
Control Inputs
TRESP
Time for VOUT to rise from
1.3V to 3.16V
VIN = 4.2V, COUT = 4.7µF,
L = 3.3µH, RLOAD = 5Ω
20
30
µs
Time for VOUT to fall from
3.16V to 1.3V
VIN = 4.2V, COUT = 4.7µF,
L = 3.3µH, RLOAD = 10Ω
20
30
CCON
VCON Input Capacitance
VCON = 1V, Test frequency = 100 kHz
20
pF
Linearity
Linearity in Control
Range 0.556V to 1.208V
VIN = 3.6V,
Monotonic in nature
-3
+3
%
T_ON
Turn-On Time
(time for output to reach 3.16V from
enable low to high transition)
EN = Low to High, VIN = 4.2V,
VOUT = 3.16V, COUT = 4.7µF, IOUT ≤ 1mA
210
750
µs
Performance Parameters
η
Efficiency
(L = 3.3µH, DCR
≤ 100mΩ)
VIN = 3.6V, VOUT = 1.3V, IOUT = 90mA
87
%
VIN = 3.6V, VOUT = 3.16V, IOUT = 400mA
96
VOUT-
ripple
Ripple voltage, PWM mode
1
1. Ripple voltage should measured at COUT electrode on good layout PC board and under condition using sug-
gested inductors and capacitors.
VIN = 3V to 4.5V, VOUT = 1.3V,
IOUT = 10mA to 400mA
10
mVp
-p
Line_tr
Line transient response
VIN = 600mV perturbance, over Vin range
3V to 5.5V; TRISE = TFALL = 10µs,
VOUT = 1.3V, IOUT = 100mA
50
mVp
k
Load_tr
Load transient response
VIN = 3.1/3.6/4.5V, VOUT = 1.3V, transients
up to 100mA, TRISE = TFALL = 10µs
50
mVp
k
PSRR
VIN = 3.6V, VOUT = 1.3V,
IOUT = 100mA
sine wave perturbation frequency = 10kHz,
amplitude = 100mVp-p
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com