Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 8 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 8 Page - ams AG

Back Button AS1332 Datasheet HTML 4Page - ams AG AS1332 Datasheet HTML 5Page - ams AG AS1332 Datasheet HTML 6Page - ams AG AS1332 Datasheet HTML 7Page - ams AG AS1332 Datasheet HTML 8Page - ams AG AS1332 Datasheet HTML 9Page - ams AG AS1332 Datasheet HTML 10Page - ams AG AS1332 Datasheet HTML 11Page - ams AG AS1332 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.austriamicrosystems.com
Revision 1.01
8 - 19
AS1332
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 13. Efficiency vs. IOUT; VOUT = 3.09V
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
800
Output Current (mA)
Vi n=2.7V
Vi n=3.25V
Vi n=3.6V
Vi n=4.2V
Vi n=5.5V
Figure 14. Load Transient Response; VIN = 3.6V,
VOUT = 1.3V
Figure 15. Startup; VIN = 3.6V, VOUT = 1.3V,
IOUT<1mA, RLOAD = 4.7k
Ω
10µs/Div
50µs/Div
Figure 16. Startup; VIN = 4.2V, VOUT = 3.16V,
IOUT<1mA, RLOAD = 4.7k
Ω
Figure 17. Shutdown Response; VIN = 4.2V, VOUT =
3.16V, COUT = 4.7µF, RLOAD = 10
Ω
50µs/Div
50µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com