Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 10 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 10 Page - ams AG

Back Button AS1332 Datasheet HTML 6Page - ams AG AS1332 Datasheet HTML 7Page - ams AG AS1332 Datasheet HTML 8Page - ams AG AS1332 Datasheet HTML 9Page - ams AG AS1332 Datasheet HTML 10Page - ams AG AS1332 Datasheet HTML 11Page - ams AG AS1332 Datasheet HTML 12Page - ams AG AS1332 Datasheet HTML 13Page - ams AG AS1332 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.austriamicrosystems.com
Revision 1.01
10 - 19
AS1332
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 24. RDSON (N-Chanel) vs. Temp.; ISW=-200mA
Figure 25. EN High Threshold vs. VIN
0
50
100
150
200
250
300
350
-40
-15
10
35
60
85
Temperature (°C)
Vi n=2.7V
Vi n=3.6V
Vi n=5.5V
0.7
0.8
0.9
1
1.1
1.2
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
- 45°C
+25°C
+90°C
Figure 26. VCON Threshold min vs. VIN
Figure 27. VCON Threshold max vs. VIN
0.5
0.502
0.504
0.506
0.508
0.51
0.512
0.514
0.516
0.518
0.52
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
- 45°C
+25°C
+90°C
1.25
1.252
1.254
1.256
1.258
1.26
1.262
1.264
1.266
1.268
1.27
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
-45°C
+25°C
+90°C
Figure 28. VFB min vs. VIN; VCON = 0.4V, RLOAD = 10
Ω
Figure 29. VFB max vs. VIN; VCON = 0.4V, RLOAD=10
Ω
1.21
1.24
1.27
1.3
1.33
1.36
1.39
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
- 45°C
+25°C
+90°C
3.1
3.12
3.14
3.16
3.18
3.2
33.544.555.5
Supply Voltage (V)
- 45°C
+25°C
+90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com