Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1333 Datasheet (PDF) - ams AG

AS1333 Datasheet PDF - ams AG
Part # AS1333
Download  AS1333 Download
File Size   1695.33 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 650mA, Step Down DC/DC Converter for Portable Applications

AS1333 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1333 Datasheet PDF - ams AG

Part # AS1333
Download  AS1333 Click to download

File Size   1695.33 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 650mA, Step Down DC/DC Converter for Portable Applications

AS1333 Datasheet (HTML) - ams AG


AS1333 Product details

General Description
The AS1333 is a step-down DC-DC converter designed to power portable applications from a single Li-Ion battery. The device also achieves high-performance in mobile phones and other applications requiring low dropout voltage.

Key Features
■ PWM Switching Frequency: 2MHz
■ Single Lithium-Ion Cell Operation
■ Fixed Output Voltage (3.09V)
■ Maximum load capability of 650mA
■ High Efficiency (96% Typ at 3.6VIN, 3.09VOUT at 400mA) from internal synchronous rectification
■ Current Overload Protection
■ Thermal Overload Protection
■ Soft Start
■ Low Dropout Voltage (140 mΩ Typ PFET)
■ 8-pin WL-CSP

Applications
    The AS1333 is an ideal solution for cellular phones, hand-held radios, RF PC cards, battery powered RF devices, and RFIC chipsets.




Similar Part No. - AS1333

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330 AMSCO-AS1330 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
More results


Similar Description - AS1333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
650mA Miniature, Step-Down DC-DC Converter for Portable Applications
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com