Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1333 Datasheet(PDF) 2 Page - ams AG

Part # AS1333
Description  650mA, Step Down DC/DC Converter for Portable Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1333 Datasheet(HTML) 2 Page - ams AG

  AS1333 Datasheet HTML 1Page - ams AG AS1333 Datasheet HTML 2Page - ams AG AS1333 Datasheet HTML 3Page - ams AG AS1333 Datasheet HTML 4Page - ams AG AS1333 Datasheet HTML 5Page - ams AG AS1333 Datasheet HTML 6Page - ams AG AS1333 Datasheet HTML 7Page - ams AG AS1333 Datasheet HTML 8Page - ams AG AS1333 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.austriamicrosystems.com
Revision 1.02
2 - 16
AS1333
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Configuration
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
PVIN
A1
+2.7V to +5.5V Power Supply Voltage. Input to the internal PFET switch.
Note: for guaranteed VOUT = 3.09V set VIN = 3.25V to 5.5V;
VDD
B1
+2.7V to +5.5V Power Supply Voltage. Analog Supply Input.
Note: for guaranteed VOUT = 3.09V set VIN = 3.25V to 5.5V;
EN
C1
Enable Input. Set this digital input high for normal operation. For shutdown,
set low.
NC
C2
May be connected to VDD, SGND or floating.
FB
C3
Feedback Pin. Connect to the output at the output filter capacitor.
AGND
B3
Analog and Control Ground.
PGND
A3
Power Ground.
SW
A2
Switch Pin. Switch node connection to the internal PFET switch and NFET
synchronous rectifier. Connect to an inductor with a saturation current rating
that exceeds the maximum switch peak current limit specification of the
AS1333.
A3
B3
C3
A1
B1
C1
PGND
AGND
FB
PVIN
VDD
EN
C2
NC
A2
SW
A1
B1
C1
A3
B3
C3
PVIN
VDD
EN
PGND
AGND
FB
C2
NC
A2
SW
Bottom View
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com