Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1333 Datasheet(PDF) 1 Page - ams AG

Part # AS1333
Description  650mA, Step Down DC/DC Converter for Portable Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1333 Datasheet(HTML) 1 Page - ams AG

  AS1333 Datasheet HTML 1Page - ams AG AS1333 Datasheet HTML 2Page - ams AG AS1333 Datasheet HTML 3Page - ams AG AS1333 Datasheet HTML 4Page - ams AG AS1333 Datasheet HTML 5Page - ams AG AS1333 Datasheet HTML 6Page - ams AG AS1333 Datasheet HTML 7Page - ams AG AS1333 Datasheet HTML 8Page - ams AG AS1333 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AS1333
650mA, Step Down DC/DC Conver ter for Portable Applications
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.02
1 - 16
1 General Description
The AS1333 is a step-down DC-DC converter designed
to power portable applications from a single Li-Ion
battery. The device also achieves high-performance in
mobile phones and other applications requiring low
dropout voltage.
The AS1333 steps down an input voltage of 3.25V to
5.5V to a fixed output voltage of 3.09V.
Fixed-frequency PWM operation minimizes RF
interference. Shutdown function turns the device off and
reduces battery consumption to 0.01µA (typ.).
The AS1333 is available in a 8-pin WL-CSP package. A
high switching frequency (2 MHz) allows use of tiny
surface-mount components. Only three small external
surface-mount components, an inductor and two
ceramic capacitors are required.
2 Key Features
!
PWM Switching Frequency: 2MHz
!
Single Lithium-Ion Cell Operation
!
Fixed Output Voltage (3.09V)
!
Maximum load capability of 650mA
!
High Efficiency (96% Typ at 3.6VIN, 3.09VOUT at
400mA) from internal synchronous rectification
!
Current Overload Protection
!
Thermal Overload Protection
!
Soft Start
!
Low Dropout Voltage (140 m
Ω Typ PFET)
!
8-pin WL-CSP
3 Applications
The AS1333 is an ideal solution for cellular phones,
hand-held radios, RF PC cards, battery powered RF
devices, and RFIC chipsets.
Figure 1. Typical Application Circuit
AS1333
PGND
AGND
NC
EN
PVIN
VDD
SW
FB
3.09V
10 µF
3.3 µH
VOUT
VIN
10 µF


Similar Part No. - AS1333

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330 AMSCO-AS1330 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
More results

Similar Description - AS1333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
650mA Miniature, Step-Down DC-DC Converter for Portable Applications
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com