Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet (PDF) - ams AG

AS1330 Datasheet PDF - ams AG
Part # AS1330
Download  AS1330 Download
File Size   1498.37 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 4MHz, Low Voltage, DC-DC Step-Up Converter

AS1330 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1330 Datasheet PDF - ams AG

Part # AS1330
Download  AS1330 Click to download

File Size   1498.37 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 4MHz, Low Voltage, DC-DC Step-Up Converter

AS1330 Datasheet (HTML) - ams AG


AS1330 Product details

General Description
The AS1330 is a synchronous, low voltage, high efficiency DC-DC boost converter running at a constant frequency of 4MHz. This very high oscillator frequency allows the usage of a very a small and low profile inductor with only 470nH. This results in a board space requirement of only 43mm² for the complete solutions including all external components.
AS1330 generates an output voltage between 1.8 and 3.3V from input voltages down to 0.6V. Therefore it is ideal for application powered by a single cell battery. AS1330 provides an output current of 150mA @ 3.3V from a single cell.

Key Features
■ Input Voltage Range: 0.6V to 3.0V
■ Adjustable Output Voltage Range: 1.8V to 3.3V
■ Fixed Output Voltage: 1.8V, 3.0V
■ 0.85V Low Start-Up Voltage
■ 4MHz Fixed-Frequency
■ 91% Efficiency
■ Delivers 150mA @ 3.3V (from Single AA Cell)
■ Automatic Powersave Operation for light Loads
■ Output Disconnect during Shutdown
■ Anti-Ringing Control minimizes EMI
■ Power Okay and Sense pin
■ TDFN (2x2mm) 8-pin Package

Applications
    The AS1330 is ideal for space critical applications where ultra-small size is critical as in medical diagnostic equipment, hand-held instruments, digital cameras, MP3 players, GPS receivers, and PC or Memory cards.




Similar Part No. - AS1330

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-AD AMSCO-AS1330-BTDT-AD Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
More results


Similar Description - AS1330

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
Low Voltage Operation STEP-UP DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
Low Voltage Operation STEP-UP DC/DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com