Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 1 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 1 Page - ams AG

  AS1330 Datasheet HTML 1Page - ams AG AS1330 Datasheet HTML 2Page - ams AG AS1330 Datasheet HTML 3Page - ams AG AS1330 Datasheet HTML 4Page - ams AG AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AS1330
4MHz, Low Vo ltage, DC-DC Step-Up Converter
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
1 - 16
Data sheet
1 General Description
The AS1330 is a synchronous, low voltage, high
efficiency DC-DC boost converter running at a constant
frequency of 4MHz. This very high oscillator frequency
allows the usage of a very a small and low profile
inductor with only 470nH. This results in a board space
requirement of only 43mm² for the complete solutions
including all external components.
AS1330 generates an output voltage between 1.8 and
3.3V from input voltages down to 0.6V. Therefore it is
ideal for application powered by a single cell battery.
AS1330 provides an output current of 150mA @ 3.3V
from a single cell.
To support high efficiency across the entire load range
the AS1330 is equipped with a synchronous rectifier and
features a power save mode for light loads.
To avoid harmful deep discharge of the battery during
shutdown the AS1330 is equipped with an output
disconnect function.
AS1330 can either monitor the battery voltage (Sense
pin) or report the status of the output voltage (POK).
The AS1330 is available in a TDFN (2x2mm) 8-pin pack-
age.
2 Key Features
!
Input Voltage Range: 0.6V to 3.0V
!
Adjustable Output Voltage Range: 1.8V to 3.3V
!
Fixed Output Voltage: 1.8V, 3.0V
!
0.85V Low Start-Up Voltage
!
4MHz Fixed-Frequency
!
91% Efficiency
!
Delivers 150mA @ 3.3V (from Single AA Cell)
!
Automatic Powersave Operation for light Loads
!
Output Disconnect during Shutdown
!
Anti-Ringing Control minimizes EMI
!
Power Okay and Sense pin
!
TDFN (2x2mm) 8-pin Package
3 Applications
The AS1330 is ideal for space critical applications where
ultra-small size is critical as in medical diagnostic equip-
ment, hand-held instruments, digital cameras, MP3 play-
ers, GPS receivers, and PC or Memory cards.
AA Battery
AS1330-1.8
C2
On
Off
L1
C1
GND
SW
VOUT
1.8V
EN
FB
VIN
VOUT
Figure 1. AS1330 - Typical Application Diagram
SENSE
POK


Similar Part No. - AS1330

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330-BTDT-AD AMSCO-AS1330-BTDT-AD Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
More results

Similar Description - AS1330

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
Low Voltage Operation STEP-UP DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
Low Voltage Operation STEP-UP DC/DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com