Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 11 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 11 Page - ams AG

Back Button AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG AS1330 Datasheet HTML 10Page - ams AG AS1330 Datasheet HTML 11Page - ams AG AS1330 Datasheet HTML 12Page - ams AG AS1330 Datasheet HTML 13Page - ams AG AS1330 Datasheet HTML 14Page - ams AG AS1330 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
11 - 16
AS1330
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 21. AS1330 - Boost Converter, Single AA Cell to 2.5V adjustable Output Voltage
To power an output voltage of 3.3V with the AS1330 a schottky diode is requiered. In this setup the output disconnect
function is no longer working because the schottky diode is bypassing the input to the output.
Figure 22. AS1330 - Boost Converter, Single AA Cell to 3.3V adjustable Output Voltage
AA Battery
AS1330-AD
C2
4.7µF
On
Off
L1
1µH
C1
4.7µF
SW
VOUT
2.5V
EN
FB
VIN
VOUT
SENSE
POK
R1
560k
Ω
R2
270k
Ω
CFF
GND
AA Battery
AS1330-AD
C2
4.7µF
On
Off
L1
1µH
C1
4.7µF
GND
SW
VOUT
3.3V
EN
FB
VIN
VOUT
SENSE
POK
R1
470k
Ω
R2
150k
Ω
CFF
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com