Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 6 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 6 Page - ams AG

Back Button AS1330 Datasheet HTML 2Page - ams AG AS1330 Datasheet HTML 3Page - ams AG AS1330 Datasheet HTML 4Page - ams AG AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG AS1330 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
6 - 16
AS1330
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. IOUT vs. VIN; VOUT = 1.8V
Figure 10. IOUT vs. VIN; VOUT = 3.0V
0
50
100
150
200
250
300
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Input Voltage (V)
470nH EPL2010
1µH LQH
0
100
200
300
400
500
600
700
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Input Voltage (V)
470nH EPL2010
1µH LQH
Figure 11. Powersave Threshold vs. VIN
Figure 12. VOUT vs. VIN; IOUT = 1mA
0
25
50
75
100
125
150
175
200
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Input Voltage (V)
Vout = 3.0V
Vout = 1.8V
0
0.5
1
1.5
2
2.5
3
3.5
4
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage (V)
Vout = 1.8V
Vout = 2.5V
Vout = 3.0V
Figure 13. Startup Voltage vs. Output Current
Figure 14. Input Current vs. Input Voltage
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
20406080
100
Output Current (mA)
Vout = 1.8V
Vout = 3.0V
0.01
0.1
1
10
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com