Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 14 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 14 Page - ams AG

Back Button AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG AS1330 Datasheet HTML 10Page - ams AG AS1330 Datasheet HTML 11Page - ams AG AS1330 Datasheet HTML 12Page - ams AG AS1330 Datasheet HTML 13Page - ams AG AS1330 Datasheet HTML 14Page - ams AG AS1330 Datasheet HTML 15Page - ams AG AS1330 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
14 - 16
AS1330
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The device is available in a TDFN (2x2mm) 8-pin package.
Figure 24. TDFN (2x2mm) 8-pin package Diagram
Note:
3. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
4. All dimensions are in millimeters, angle is in degrees.
5. Terminal #1 identifier and terminal numbering convention shall conform to JESD 95-1 SPP-012. Details of ter-
minal #1 identifier are optional, but must be located within the area indicated. The terminal #1 identifier may be
either a mold, embedded metal or mark feature.
6. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip.
Table 5. TDFN (2x2mm) 8-pin package Dimensions
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
0.51
0.55
0.60
D
2.00
A1
0.00
0.02
0.05
E
2.00
A3
0.15 ref
D2
1.45
1.60
1.70
aaa
0.15
E2
0.75
0.90
1.00
bbb
0.10
L
0.225
0.325
0.425
ccc
0.10
N
8
k
0.20
ND
4
b
0.20
0.25
0.30
NE
--
e
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com