Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 4 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 4 Page - ams AG

  AS1330 Datasheet HTML 1Page - ams AG AS1330 Datasheet HTML 2Page - ams AG AS1330 Datasheet HTML 3Page - ams AG AS1330 Datasheet HTML 4Page - ams AG AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
4 - 16
AS1330
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = +1.2V, VOUT = +3.0V, VEN = +1.3V, L = 1µH, C1 = C2 = 10µF, TAMB = -40°C to +85ºC (unless otherwise specified). Typ
values @ TAMB = +25ºC.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input
Minimum Start-Up Voltage
IOUT = 1mA
0.85
0.9
V
VIN
Operating Voltage Range
1
1. Guaranteed by design and verified in lab characterisation.
IOUT = 1mA
0.6
3.0
V
Regulation
VOUT
Output Voltage Adjust Range
2
2. External Schottky diode is mandatory for output voltages higher than 3V.
1.8
3.0
V
Output Voltage Accuracy
VOUT > VIN + 0.6V
-3
+3
%
VFB
Feedback Voltage
for adjustable VOUT only
0.776
0.8
0.824
V
IFB
Feedback Input Current
VFB = 0.8V
10
nA
Operating Current
IQPWS
Quiescent Current
(Powersave Operation)
VOUT = 3.15V
30
50
µA
IQSHDN
Quiescent Current (Shutdown)
VEN = 0V
0.05
5
µA
IQ
Quiescent Current (Active)
in continuous mode
3
mA
Switches
ILKN
NMOS Switch Leakage
VSW = 3.6V
0.1
5
µA
ILKP
PMOS Switch Leakage
3
3. VOUT is forced to 3.6V in production test.
VSW = VOUT = 3.6V
0.1
5
µA
RONNMOS
NMOS Switch On Resistance
0.25
Ω
RONPMOS
PMOS Switch On Resistance
0.35
Ω
INMOS
NMOS Current Limit
650
mA
Maximum Duty Cycle
1
80
87
%
fSW
Switching Frequency
3.2
4
4.8
MHz
Shutdown
VENH
EN Input High
no load
1.2
V
VENL
EN Input Low
no load
0.25
V
IEN
EN Input Current
4
4. Internal pull-down resistor.
1
1.5
µA
Power-OK
5
5. The POK parameters are tested with proprietary test modes.
Note: All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
POK Voltage Low
IPOK = 1mA
0.1
0.4
V
POK Leakage Current
VPOK = 3V, TAMB = 25ºC
1
100
nA
Power-OK Threshold
Monitor VIN, Falling Edge
0.72
0.76
V
Monitor VOUT, Falling Edge
90
92.5
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com