Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 2 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 2 Page - ams AG

  AS1330 Datasheet HTML 1Page - ams AG AS1330 Datasheet HTML 2Page - ams AG AS1330 Datasheet HTML 3Page - ams AG AS1330 Datasheet HTML 4Page - ams AG AS1330 Datasheet HTML 5Page - ams AG AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
2 - 16
AS1330
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
SENSE
Sense Input. Represents the input for the Power-OK behaviour. This input can be
used to supervise the input or the output voltage via a resistor divider. If connected
to GND the POK output is related to VOUT.
2
FB
Feedback Pin. Feedback input to the gm error amplifier. Connect a resistor divider
tap to this pin. The output voltage can be adjusted from 1.8 to 3.3V by: VOUT =
0.8V[1 + (R1/R2)]
If the fixed output voltage version ist used, connect this pin to VOUT.
3
EN
Active-High Enable Input. A logic LOW reduces the supply current to < 1µA.
Connect to pin VIN for normal operation.
4
POK
Power-OK Output. Active-High, open-drain output indicates an out-of-regulation
condition. Connect a 100k
Ω pull-up resistor to pin OUT for logic levels. Leave this
pin unconnected if the Power-OK feature is not used.
Low Level:
High Level:
5
GND
Signal and Power Ground. Provide a short, direct PCB path between this pin and
the negative side of the output capacitor(s).
6
SW
Switch Pin. Connect an inductor between this pin and VIN. Keep the PCB trace
lengths as short and wide as is practical to reduce EMI and voltage overshoot. If
the inductor current falls to zero, or pin EN is low, an internal 100
Ω anti-ringing
switch is connected from this pin to VIN to minimize EMI.
Note: An optional Schottky diode can be connected between this pin and VOUT.
7
VOUT
Output Voltage. Bias is derived from VOUT when VOUT exceeds VIN. PCB trace
length from VOUT to the output filter capacitor(s) should be as short and wide as is
practical.
8VIN
Input Voltage. The AS1330 gets its start-up bias from VIN unless VOUT exceeds
VIN, in which case the bias is derived from VOUT. Thus, once started, operation is
completely independent from VIN. Operation is only limited by the output power
level and the internal series resistance of the supply.
9
Exposed Pad. The exposed pad must be connected to GND. Ensure a good
connection to the PCB to achieve optimal thermal performance.
1
SENSE
AS1330
2
FB
4
POK
8 VIN
7 VOUT
5 GND
3
EN
6 SW
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com