Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet(PDF) 10 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 10 Page - ams AG

Back Button AS1330 Datasheet HTML 6Page - ams AG AS1330 Datasheet HTML 7Page - ams AG AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG AS1330 Datasheet HTML 10Page - ams AG AS1330 Datasheet HTML 11Page - ams AG AS1330 Datasheet HTML 12Page - ams AG AS1330 Datasheet HTML 13Page - ams AG AS1330 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
10 - 16
AS1330
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS1330 is ideal for space critical applications where ultra-small size is critical as in medical diagnostic equipment,
hand-held instruments, digital cameras, MP3 players, GPS receivers, and PC or Memory cards.
Along with Figure 1 on page 1, Figure 20, Figure 21 and Figure 22 on page 11depict a few of the many applications for
which the AS1330 converters are perfectly suited.
Adjustable Output Voltage
The integrated error amplifier is an internally compensated trans-conductance (gm) type (current output). The internal
0.8V reference voltage is compared to the voltage at pin FB to generate an error signal at the output of the error ampli-
fier. A voltage divider from VOUT to GND programs the output voltage from 1.8 to 3.0V via pin FB as:
VOUT = 0.8V(1 + (R1/R2))
(EQ 1)
Sense Function
The AS1330 offers a sense function for monitoring a voltage (e.g.: the battery voltage). The sense function can work in
three different modes:
- SENSE to GND: The POK is related to VOUT (see Figure 22 on page 11).
- SENSE to VIN: If the pin SENSE is directly connected to pin VIN, the internal reference voltage (0.8V) is used to
compare it with VIN. The POK goes high when the voltage on SENSE is above 0.8V and low when the voltage on
SENSE is below 0.8V (see Figure 21 on page 11).
- SENSE to a voltage divider: With the voltage divider the threshold voltage on which the POK reacts can be set. If
the monitored voltage is higher then the user set threshold voltage the POK is high, when the monitored voltage
is lower the POK goes low (see Figure 20). The threshold voltage can be set with the following equation:
Vthreshold = 0.8V(1 + (RIN1/RIN2))
(EQ 2)
Figure 20. AS1330 - Boost Converter, Single AA Cell to 3.0V fixed Output Voltage
AA Battery
AS1330-3.0
C2
4.7µF
On
Off
L1
1µH
C1
4.7µF
SW
VOUT
3.0V
EN
FB
VIN
VOUT
SENSE
POK
GND
RIN1
320k
Ω
RIN2
680k
Ω
Vthreshold
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com