Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1330 Datasheet (PDF) - ams AG

AS1330 Datasheet PDF - ams AG
Part # AS1330_12
Download  AS1330 Download
File Size   1660.69 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 4MHz, Low Vol tage, DC-DC Step-Up Conver ter

AS1330 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1330 Datasheet PDF - ams AG

Part # AS1330_12
Download  AS1330 Click to download

File Size   1660.69 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 4MHz, Low Vol tage, DC-DC Step-Up Conver ter

AS1330 Datasheet (HTML) - ams AG




Similar Part No. - AS1330_12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1330-BTDT-18 AMSCO-AS1330-BTDT-18 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-30 AMSCO-AS1330-BTDT-30 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1330-BTDT-AD AMSCO-AS1330-BTDT-AD Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
More results


Similar Description - AS1330_12

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
4MHz, Low Voltage, DC-DC Step-Up Converter
AS1312 AMSCO-AS1312 Datasheet
577Kb / 20P
Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
Infineon Technologies A...
AN256 INFINEON-AN256 Datasheet
395Kb / 11P
Ul t ra Low Vol tage Drop LED
Revision: 0.1 20 June 2011
logo
SHOUDING Shouding Semic...
SD8911-AJ SHOUDING-SD8911-AJ Datasheet
1Mb / 12P
Dual Channe l Synchro nous Buck D C/DC Conver ter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com