Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1333 Datasheet(PDF) 3 Page - ams AG

Part # AS1333
Description  650mA, Step Down DC/DC Converter for Portable Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1333 Datasheet(HTML) 3 Page - ams AG

  AS1333 Datasheet HTML 1Page - ams AG AS1333 Datasheet HTML 2Page - ams AG AS1333 Datasheet HTML 3Page - ams AG AS1333 Datasheet HTML 4Page - ams AG AS1333 Datasheet HTML 5Page - ams AG AS1333 Datasheet HTML 6Page - ams AG AS1333 Datasheet HTML 7Page - ams AG AS1333 Datasheet HTML 8Page - ams AG AS1333 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.austriamicrosystems.com
Revision 1.02
3 - 16
AS1333
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in Electrical Characteristics
on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
VDD, PVIN to AGND
-0.3
+7.0
V
PGND to AGND
-0.3
+0.3
V
EN, FB, NC
AGND - 0.3 VDD + 0.3
V
7.0V max
SW
PGND - 0.3 PVIN + 0.3
V
PVIN to VDD
-0.3
+0.3
V
Operating Temperature Range
-40
+85
°C
Junction Temperature (TJ-MAX)
+150
ºC
Storage Temperature Range
-65
+150
ºC
Maximum Lead Temperature
(Soldering, 10 sec)
+260
ºC
ESD Rating
Human Body Model
2kV
HBM MIL-Std. 883E 3015.7 methods
Operating Ratings
Input Voltage Range
2.7
5.5
V
Recommended Load Current
650
mA
Junction Temperature (TJ) Range
-40
+125
ºC
Ambient Temperature (TA) Range
-40
+85
ºC
In applications where high power
dissipation and/or poor package thermal
resistance is present, the maximum
ambient temperature may have to be
derated.
Maximum ambient temperature (TA-MAX)
is dependent on the maximum operating
junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation
of the device in the application (PD-MAX),
and the junction-to ambient thermal
resistance of the part/package in the
application (
θJA), as given by the
following
equation: TA-MAX = TJ-MAX-OP – (θJA ×
PD-MAX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com