Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 5 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 5 Page - ams AG

  AS1334 Datasheet HTML 1Page - ams AG AS1334 Datasheet HTML 2Page - ams AG AS1334 Datasheet HTML 3Page - ams AG AS1334 Datasheet HTML 4Page - ams AG AS1334 Datasheet HTML 5Page - ams AG AS1334 Datasheet HTML 6Page - ams AG AS1334 Datasheet HTML 7Page - ams AG AS1334 Datasheet HTML 8Page - ams AG AS1334 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
5 - 17
AS1334
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Line_tr
Line transient response
VIN = 600mV perturbance, over Vin
range 3.4V to 5.5V; TRISE = TFALL =
10µs, VOUT = 3.0V, IOUT = 100mA
50
mVpk
Load_tr
Load transient response
VIN = 4.2V, VOUT = 3.0V, transients up
to 100mA, TRISE = TFALL = 10µs
50
mVpk
1. Ripple voltage should measured at COUT electrode on good layout PC board and under condition using sug-
gested inductors and capacitors.
Table 4. System Characteristics
Symbol
Parameter
Conditions
Min
Typ Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com