Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1334 Datasheet(PDF) 14 Page - ams AG

Part # AS1334
Description  650mA, Ultra low Ripple Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1334 Datasheet(HTML) 14 Page - ams AG

Back Button AS1334 Datasheet HTML 9Page - ams AG AS1334 Datasheet HTML 10Page - ams AG AS1334 Datasheet HTML 11Page - ams AG AS1334 Datasheet HTML 12Page - ams AG AS1334 Datasheet HTML 13Page - ams AG AS1334 Datasheet HTML 14Page - ams AG AS1334 Datasheet HTML 15Page - ams AG AS1334 Datasheet HTML 16Page - ams AG AS1334 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com
Revision 1.04
14 - 17
AS1334
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Layout Considerations
The AS1334 converts higher input voltage to lower output voltage with high efficiency. This is achieved with an
inductorbased switching topology. During the first half of the switching cycle, the internal PMOS switch turns on, the
input voltage is applied to the inductor, and the current flows from PVDD line to the output capacitor (C2) through the
inductor. During the second half cycle, the PMOS turns off and the internal NMOS turns on. The inductor current
continues to flow via the inductor from the device PGND line to the output capacitor (C2). Referring to Figure 24, the
AS1334 has two major current loops where pulse and ripple current flow. The loop shown in the left hand side is most
important, because pulse current shown in Figure 24 flows in this path. The right hand side is next. The current
waveform in this path is triangular, as shown in Figure 24. Pulse current has many high-frequency components due to
fast di/dt. Triangular ripple current also has wide high-frequency components. Board layout and circuit pattern design
of these two loops are the key factors for reducing noise radiation and stable operation. Other lines, such as from
battery to C1(+) and C2(+) to load, are almost DC current, so it is not necessary to take so much care. Only pattern
width (current capability) and DCR drop considerations are needed.
Figure 24. Current Loop
PGND
SGND
POK
EN
PVIN
VDD
SW
FB
10 µF
3.3 µH
VOUT
3.25V to 5.5V
VIN
10 µF
C1
+
-
C2
+
-
L1
i
fOSC = 2MHz
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com