Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet (PDF) - Texas Instruments

LM2852 Datasheet PDF - Texas Instruments
Part # LM2852
Download  LM2852 Download
File Size   792.41 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2852 2A 500/1500 kHz Synchronous Buck Regulator

LM2852 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2852 Datasheet PDF - Texas Instruments

Part # LM2852
Download  LM2852 Click to download

File Size   792.41 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2852 2A 500/1500 kHz Synchronous Buck Regulator

LM2852 Datasheet (HTML) - Texas Instruments


LM2852 Product details

1 Features
1• Input Voltage Range of 2.85 V to 5.5 V
• Factory EEPROM Set Output Voltages from 0.8 V
to 3.3 V in 100-mV Increments
• Maximum Load Current of 2 A
• Voltage Mode Control
• Internal Type-Three Compensation
• Switching Frequency of 500 kHz or 1.5 MHz
• Low Standby Current of 10 μA
• Internal 60-mΩ MOSFET Switches
• Standard Voltage Options 0.8/1/1.2/1.5/1.8/2.5/3.3
V

2 Applications
• Low Voltage Point of Load Regulation
• Local Solution for FPGA/DSP/ASIC Core Power
• Broadband Networking and Communications
Infrastructure
• Portable Computing

3 Description
The LM2852 synchronous buck regulator is a high
frequency step-down switching voltage regulator
capable of driving up to a 2A load with excellent line
and load regulation. The LM2852 can accept an input
voltage between 2.85 V and
5.5 V and deliver an output voltage that is factory
programmable from 0.8 V to 3.3 V in 100-mV
increments. The LM2852 is available with a choice of
two switching frequencies –500 kHz (LM2852Y) or
1.5 MHz (LM2852X). It also features internal, typethree
compensation to deliver a low component count
solution. The exposed-pad HTSSOP-14 package
enhances the thermal performance of the LM2852.




Similar Part No. - LM2852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852 NSC-LM2852 Datasheet
663Kb / 14P
2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852 Datasheet
1Mb / 25P
Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
LM2852 TI-LM2852 Datasheet
981Kb / 23P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI1-LM2852 Datasheet
1Mb / 25P
2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Similar Description - LM2852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
36V, 3A 500 kHz Synchronous Buck Regulator
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6662DI AOSMD-AOZ6662DI Datasheet
984Kb / 16P
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com