Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM2852 Datasheet PDF - National Semiconductor (TI)
Part # LM2852
Download  LM2852 Download
File Size   663.47 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator

LM2852 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2852 Datasheet PDF - National Semiconductor (TI)

Part # LM2852
Download  LM2852 Click to download

File Size   663.47 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator

LM2852 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852 Datasheet
1Mb / 25P
Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
LM2852 TI-LM2852 Datasheet
981Kb / 23P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI1-LM2852 Datasheet
1Mb / 25P
2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI2-LM2852 Datasheet
792Kb / 31P
LM2852 2A 500/1500 kHz Synchronous Buck Regulator
REVISED JANUARY 2016
More results


Similar Description - LM2852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
logo
Texas Instruments
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com