Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2852 Datasheet HTML 6Page - National Semiconductor (TI) LM2852 Datasheet HTML 7Page - National Semiconductor (TI) LM2852 Datasheet HTML 8Page - National Semiconductor (TI) LM2852 Datasheet HTML 9Page - National Semiconductor (TI) LM2852 Datasheet HTML 10Page - National Semiconductor (TI) LM2852 Datasheet HTML 11Page - National Semiconductor (TI) LM2852 Datasheet HTML 12Page - National Semiconductor (TI) LM2852 Datasheet HTML 13Page - National Semiconductor (TI) LM2852 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Information (Continued)
falls to a low voltage. During this time, the soft-start voltage
is forced to track the output so that once the short is re-
moved, the LM2852 can restart gracefully from whatever
voltage the output reached during the short circuit event. The
range of soft-start capacitors is therefore restricted to values
1nF to 50nF.
COMPENSATION
The LM2852 provides a highly integrated solution to power
supply design. The compensation of the LM2852, which is
type-three, is included on-chip. The benefit to integrated
compensation is straightforward, simple power supply de-
sign. Since the output filter capacitor and inductor values
impact the compensation of the control loop, the range of L,
C and C
ESR values is restricted in order to ensure stability.
OUTPUT FILTER VALUES
Table 1 details the recommended inductor and capacitor
ranges for the LM2852 that are suggested for various typical
output voltages. Values slightly different than those recom-
mended may be used, however the phase margin of the
power supply may be degraded.
TABLE 1. Output Filter Values
Frequency
Option
V
OUT (V)
PVIN (V)
L (µH)
C (µF)
C
ESR (m
Ω)
Min
Max
Min
Max
Min
Max
LM2852Y
(500kHz)
0.8
3.3
10
15
100
220
70
200
0.8
5.0
10
15
100
120
70
200
1.0
3.3
10
15
100
180
70
200
1.0
5.0
10
15
100
180
70
200
1.2
3.3
10
15
100
180
70
200
1.2
5.0
15
22
100
120
70
200
1.5
3.3
10
15
100
120
70
200
1.5
5.0
22
22
100
120
70
200
1.8
3.3
10
15
100
120
100
200
1.8
5.0
22
33
100
120
100
200
2.5
3.3
6.8
10
68
120
95
275
2.5
5.0
15
22
68
120
95
275
3.3
5.0
15
22
68
100
100
275
LM2852X
(1500kHz)
0.8
3.3
110
The 1500kHz version is
designed for ceramic output
capacitors which typically
have very low ESR (<10m
Ω.)
0.8
5.0
1.0
3.3
1.0
5.0
1.2
3.3
1.2
5.0
1.5
3.3
1.5
5.0
1.8
3.3
1.8
5.0
2.5
3.3
2.5
5.0
3.3
5.0
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com