Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2852 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2852 Datasheet HTML 6Page - National Semiconductor (TI) LM2852 Datasheet HTML 7Page - National Semiconductor (TI) LM2852 Datasheet HTML 8Page - National Semiconductor (TI) LM2852 Datasheet HTML 9Page - National Semiconductor (TI) LM2852 Datasheet HTML 10Page - National Semiconductor (TI) LM2852 Datasheet HTML 11Page - National Semiconductor (TI) LM2852 Datasheet HTML 12Page - National Semiconductor (TI) LM2852 Datasheet HTML 13Page - National Semiconductor (TI) LM2852 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Applications Information (Continued)
OUTPUT FILTER CAPACITORS
The capacitors that may be used in the output filter with the
LM2852 are limited in value and ESR range according to
Table 1. Below are some examples of capacitors that can
typically be used in an LM2852 application.
TABLE 3. LM2852 Output Filter Capacitors
Capacitance (µF)
Part Number
Chemistry
Vendor
10
GRM31MR61A106KE19
Ceramic
Murata
10
GRM32DR61E106K
Ceramic
Murata
68
595D686X_010C2T
Tantalum
Vishay - Sprague
68
595D686X_016D2T
Tantalum
Vishay - Sprague
100
595D107X_6R3C2T
Tantalum
Vishay - Sprague
100
595D107X_016D2T
Tantalum
Vishay - Sprague
100
NOSC107M004R0150
Niobium Oxide
AVX
100
NOSD107M006R0100
Niobium Oxide
AVX
120
595D127X_004C2T
Tantalum
Vishay - Sprague
120
595D127X_010D2T
Tantalum
Vishay - Sprague
150
595D157X_004C2T
Tantalum
Vishay - Sprague
150
595D157X_016D2T
Tantalum
Vishay - Sprague
150
NOSC157M004R0150
Niobium Oxide
AVX
150
NOSD157M006R0100
Niobium Oxide
AVX
220
595D227X_004D2T
Tantalum
Vishay - Sprague
220
NOSD227M004R0100
Niobium Oxide
AVX
220
NOSE227M006R0100
Niobium Oxide
AVX
SPLIT-RAIL OPERATION
The LM2852 can be powered using two separate voltages
for AVIN and PVIN. AVIN is the supply for the control logic;
PVIN is the supply for the power FETs. The output filter
components need to be chosen based on the value of PVIN.
For PVIN levels lower than 3.3V, use output filter component
values recommended for 3.3V. PVIN must always be equal
to or less than AVIN.
20127014
SWITCH NODE PROTECTION
The LM2852 includes protection circuitry that monitors the
voltage on the switch pin. Under certain conditions, switch-
ing is disabled in order to protect the switching devices. One
result of the protection circuitry may be observed when
power to the LM2852 is applied with no or light load on the
output. The output regulates to the rated voltage, but no
switching may be observed. As soon as the output is loaded,
the LM2852 begins normal switching operation.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com