Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3150 Datasheet (PDF) - Texas Instruments

LM3150 Datasheet PDF - Texas Instruments
Part # LM3150
Download  LM3150 Download
File Size   864.33 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3150 Wide-VIN Synchronous Buck Controller

LM3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3150 Datasheet PDF - Texas Instruments

Part # LM3150
Download  LM3150 Click to download

File Size   864.33 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3150 Wide-VIN Synchronous Buck Controller

LM3150 Datasheet (HTML) - Texas Instruments


LM3150 Product details

1 Features
1• PowerWise™ Step-Down Controller
• 6-V to 42-V Wide Input Voltage Range
• Adjustable Output Voltage Down to 0.6 V
• Programmable Switching Frequency up to 1 MHz
• No Loop Compensation Required
• Fully WEBENCH® Enabled
• Low External Component Count
• Constant On-Time (COT) Control
• Ultra-Fast Transient Response
• Stable With Low ESR Capacitors
• Output Voltage PreBias Startup
• Valley Current Limit
• Programmable Soft-Start
• Create a Custom Design Using the LM3150 with
the WEBENCH Power Designer

2 Applications
• Telecom
• Networking Equipment
• Routers
• Security Surveillance
• Power Modules

3 Description
The LM3150 SIMPLE SWITCHER® controller is an
easy-to-use and simplified step-down power
controller capable of providing up to 12 A of output
current in a typical application. Operating with an
input voltage range of 6 V to 42 V, the LM3150
controller features an adjustable output voltage down
to 0.6 V. The switching frequency is adjustable up to
1 MHz and the synchronous architecture provides for
highly efficient designs. The LM3150 controller
employs a constant on-time (COT) architecture with a
proprietary emulated ripple mode (ERM) control that
allows for the use of low ESR output capacitors,
which reduces overall solution size and output
voltage ripple. The COT regulation architecture allows
for fast transient response and requires no loop
compensation, which reduces external component
count and reduces design complexity.
Fault protection features such as thermal shutdown,
undervoltage lockout, overvoltage protection, shortcircuit
protection, current limit, and output voltage
prebias start-up allow for a reliable and robust
solution.
The LM3150 concept provides for an easy-to-use
complete design using a minimum number of external
components and TI’s WEBENCH online design tool.
WEBENCH provides design support for every step of
the design process and includes features such as
external component calculation with a new MOSFET
selector, electrical simulation, thermal simulation, and
Build-It boards for prototyping.




Similar Part No. - LM3150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
LM3150MH NSC-LM3150MH Datasheet
482Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
logo
Texas Instruments
LM3150MH TI1-LM3150MH Datasheet
1Mb / 26P
LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
LM3150MH/NOPB TI1-LM3150MH/NOPB Datasheet
1Mb / 26P
LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
logo
National Semiconductor ...
LM3150MHE NSC-LM3150MHE Datasheet
482Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
More results


Similar Description - LM3150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
Wide VIN 500mA Synchronous Buck Regulator
July 15, 2013
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
Wide VIN 1A Synchronous Buck Regulator
November 22, 2013
logo
Texas Instruments
LM3150 TI-LM3150_15 Datasheet
1Mb / 32P
LM3150 Wide-VIN Synchronous Buck Controller
logo
Intersil Corporation
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
Renesas Technology Corp
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
Wide VIN 300mA Synchronous Buck Regulator
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
Wide VIN 800mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com