Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3150 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM3150 Datasheet PDF - National Semiconductor (TI)
Part # LM3150
Download  LM3150 Download
File Size   482.54 Kbytes
Page   20 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down

LM3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3150 Datasheet PDF - National Semiconductor (TI)

Part # LM3150
Download  LM3150 Click to download

File Size   482.54 Kbytes
Page   20 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down

LM3150 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM3150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3150 TI2-LM3150 Datasheet
864Kb / 37P
LM3150 Wide-VIN Synchronous Buck Controller
REVISED SEPTEMBER 2015
LM3150MH TI1-LM3150MH Datasheet
1Mb / 26P
LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
LM3150MH/NOPB TI1-LM3150MH/NOPB Datasheet
1Mb / 26P
LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
LM3150MH/NOPB TI2-LM3150MH/NOPB Datasheet
864Kb / 37P
LM3150 Wide-VIN Synchronous Buck Controller
REVISED SEPTEMBER 2015
LM3150MH/NOPB.A TI2-LM3150MH/NOPB.A Datasheet
864Kb / 37P
LM3150 Wide-VIN Synchronous Buck Controller
REVISED SEPTEMBER 2015
More results


Similar Description - LM3150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM3150MH TI1-LM3150MH Datasheet
1Mb / 26P
LM3150 SIMPLE SWITCHER CONTROLLER, 42V Synchronous Step-Down
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM3151 TI1-LM3151_14 Datasheet
1Mb / 27P
SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com