Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3102 Datasheet (PDF) - Texas Instruments

LM3102 Datasheet PDF - Texas Instruments
Part # LM3102
Download  LM3102 Download
File Size   972.63 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3102-Q1 Automotive Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator

LM3102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3102 Datasheet PDF - Texas Instruments

Part # LM3102
Download  LM3102 Click to download

File Size   972.63 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3102-Q1 Automotive Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator

LM3102 Datasheet (HTML) - Texas Instruments


LM3102 Product details

1 Features
1• AEC-Q100-Qualified for Automotive Applications:
– Temperature grade 1: –40°C to +125°C, TA
• Low Component Count and Small Solution Size
• Stable With Ceramic and Other Low-ESR
Capacitors
• No Loop Compensation Required
• High Efficiency at a Light Load by DCM Operation
• Prebias Start-Up
• Ultra-Fast Transient Response
• Programmable Soft Start
• Programmable Switching Frequency up to 1 MHz
• Valley Current Limit
• Output Overvoltage Protection
• Precision Internal Reference for an Adjustable
Output Voltage Down to 0.8 V
• Thermal Shutdown
• Key Specifications
– Input Voltage Range 4.5 V to 42 V
– 2.5-A Output Current
– 0.8 V, ±1.5% Reference
– Integrated Dual N-Channel Main and
Synchronous MOSFETs
– Thermally Enhanced 20-Pin HTSSOP Package
• Create a Custom Design using the LM3102-Q1
with the WEBENCH® Power Designer

2 Applications
• Automotive Body Electronics
• Automotive Lighting
• Automotive Infotainment and Telematics
• General 12-V and 24-V Automotive DC/DC
Conversion

3 Description
The LM3102-Q1 synchronously rectified buck
converter features all required functions to implement
a highly efficient and cost-effective buck regulator.
The device can supply 2.5 A to loads with an output
voltage as low as 0.8 V. Dual N-channel synchronous
MOSFET switches allow a low component count, thus
reducing complexity and minimizing board size.
Different from most other COT regulators, the
LM3102-Q1 does not rely on output capacitor ESR
for stability and is designed to work exceptionally well
with ceramic and other very low-ESR output
capacitors. The device requires no loop
compensation, results in a fast load transient
response and simple circuit implementation. The
operating frequency remains nearly constant with line
variations due to the inverse relationship between the
input voltage and the ON-time. The operating
frequency can be externally programmed up to
1 MHz. Protection features include VCC undervoltage
lockout (UVLO), output overvoltage protection,
thermal shutdown, and gate-drive UVLO. The
LM3102-Q1 is available in the thermally enhanced
20-pin HTSSOP package.




Similar Part No. - LM3102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102 TI1-LM3102 Datasheet
1Mb / 24P
SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3102 TI-LM3102 Datasheet
1Mb / 30P
LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
LM3102 TI2-LM3102 Datasheet
1Mb / 32P
LM3102 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
REVISED JANUARY 2018
LM3102-Q1 TI-LM3102-Q1 Datasheet
1Mb / 30P
LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
More results


Similar Description - LM3102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
2.5 A step-down switching regulator
28-Aug-2008
logo
Texas Instruments
LM3102 TI-LM3102_15 Datasheet
1Mb / 30P
LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
logo
Infineon Technologies A...
TLS4120D0EPV50 INFINEON-TLS4120D0EPV50 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV INFINEON-TLS4125D0EPV Datasheet
3Mb / 43P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV33 INFINEON-TLS4125D0EPV33 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV50 INFINEON-TLS4125D0EPV50 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
logo
Texas Instruments
LM53600-Q1 TI-LM53600-Q1_V01 Datasheet
2Mb / 47P
LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com