Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986 Datasheet (PDF) - STMicroelectronics

L5986 Datasheet PDF - STMicroelectronics
Part # L5986
Download  L5986 Download
File Size   1103.04 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5 A step-down switching regulator

L5986 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5986 Datasheet PDF - STMicroelectronics

Part # L5986
Download  L5986 Click to download

File Size   1103.04 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5 A step-down switching regulator

L5986 Datasheet (HTML) - STMicroelectronics


L5986 Product details

Description
The L5986 is a step down switching regulator with 3.0 A (minimum) current limited embedded power MOSFET, so it is able to deliver up to 2.5 A current to the load depending on the application conditions.
The input voltage can range from 2.9 V to 18 V, while the output voltage can be set starting from 0.6 V to VIN. Having a minimum input voltage of 2.9 V, the device is suitable also for 3.3 V bus.
Requiring a minimum set of external components, the device includes an internal 250 kHz switching frequency oscillator that can be externally adjusted up to 1 MHz.
The QFN and the HSOP packages with exposed pad allow reducing the RthJA down to 60 °C/W and 40 °C/W respectively.

Features
■ 2.5 A DC output current
■ 2.9 V to 18 V input voltage
■ Output voltage adjustable from 0.6 V
■ 250 kHz switching frequency, programmable up to 1 MHz
■ Internal soft-start and inhibit
■ Low dropout operation: 100 % duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Over current and thermal protection
■ VFQFPN3x3-8L and HSOP8 package

Application
■ Consumer:
   STB, DVD, DVD recorder, car audio, LCD TV
   and monitors
■ Industrial:
   PLD, PLA, FPGA, chargers
■ Networking: XDSL, modems, DC-DC modules
■ Computer:
   Optical storage, hard disk drive, printers,
   audio/graphic cards
■ LED driving




Similar Part No. - L5986

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7A step-down switching regulator
18-Oct-2007
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
0.7A step-down switching regulator
18-Oct-2007
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
More results


Similar Description - L5986

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
L5973D STMICROELECTRONICS-L5973D_08 Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
L5980 STMICROELECTRONICS-L5980_08 Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
1 A step-down switching regulator
09-Sep-2008
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
1.5 A step-down switching regulator
16-Sep-2008
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com