Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5986
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5986 Datasheet HTML 3Page - STMicroelectronics L5986 Datasheet HTML 4Page - STMicroelectronics L5986 Datasheet HTML 5Page - STMicroelectronics L5986 Datasheet HTML 6Page - STMicroelectronics L5986 Datasheet HTML 7Page - STMicroelectronics L5986 Datasheet HTML 8Page - STMicroelectronics L5986 Datasheet HTML 9Page - STMicroelectronics L5986 Datasheet HTML 10Page - STMicroelectronics L5986 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
L5986 - L5986A
Functional description
7/39
5
Functional description
The L5986 is based on a “voltage mode”, constant frequency control. The output voltage
VOUT is sensed by the feedback pin (FB) compared to an internal reference (0.6 V) providing
an error signal that, compared to a fixed frequency sawtooth, controls the on and off time of
the power switch.
The main internal blocks are shown in the block diagram in Figure 2. They are:
A fully integrated oscillator that provides sawtooth to modulate the duty cycle and the
synchronization signal. Its switching frequency can be adjusted by an external resistor.
The voltage and frequency feed forward are implemented.
The soft-start circuitry to limit inrush current during the start up phase.
The voltage mode error amplifier
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch.
The high-side driver for embedded P-channel power MOSFET switch.
The peak current limit sensing block, to handle over load and short circuit conditions.
A voltage regulator and internal reference. It supplies internal circuitry and provides a
fixed internal reference.
A voltage monitor circuitry (UVLO) that checks the input and internal voltages.
A thermal shutdown block, to prevent thermal run away.
Figure 2.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com