Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L5986
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L5986 Datasheet HTML 28Page - STMicroelectronics L5986 Datasheet HTML 29Page - STMicroelectronics L5986 Datasheet HTML 30Page - STMicroelectronics L5986 Datasheet HTML 31Page - STMicroelectronics L5986 Datasheet HTML 32Page - STMicroelectronics L5986 Datasheet HTML 33Page - STMicroelectronics L5986 Datasheet HTML 34Page - STMicroelectronics L5986 Datasheet HTML 35Page - STMicroelectronics L5986 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Application information
L5986 - L5986A
32/39
Figure 21.
Junction temperature vs
output current
Figure 22.
Junction temperature vs
output current
Figure 23.
Junction temperature vs
output current
Figure 24.
Efficiency vs output current
Figure 25.
Efficiency vs output current
Figure 26.
Efficiency vs output current
76
78
80
82
84
86
88
90
92
0.30.8
1.31.8
2.3
Io [A]
VIN=12V
VO=2.5V
VO=3.3V
VO=5V
70
75
80
85
90
95
0.30.8
1.31.8
2.3
Io [A]
VO=1.8V
VO=2.5V
VO=3.3V
VIN=5V
65
70
75
80
85
90
95
0.30.8
1.31.8
2.3
Io [A]
VO=1.2V
VO=1.8V
VO=2.5V
VIN=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com